Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVF5P03 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVF5P03
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVF5P03 Datasheet(HTML) 1 Page - ON Semiconductor

  NVF5P03 Datasheet HTML 1Page - ON Semiconductor NVF5P03 Datasheet HTML 2Page - ON Semiconductor NVF5P03 Datasheet HTML 3Page - ON Semiconductor NVF5P03 Datasheet HTML 4Page - ON Semiconductor NVF5P03 Datasheet HTML 5Page - ON Semiconductor NVF5P03 Datasheet HTML 6Page - ON Semiconductor NVF5P03 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Publication Order Number:
NTF5P03T3/D
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 6
1
NTF5P03, NVF5P03
Power MOSFET
-5.2 A, -30 V
P−Channel SOT−223
Features
Ultra Low RDS(on)
Higher Efficiency Extending Battery Life
Logic Level Gate Drive
Miniature SOT−223 Surface Mount Package
Avalanche Energy Specified
AEC−Q101 Qualified and PPAP Capable − NVF5P03T3G
These Devices are Pb−Free and are RoHS Compliant
Applications
DC−DC Converters
Power Management
Motor Controls
Inductive Loads
Replaces MMFT5P03HD
1
2
3
4
−5.2 AMPERES, −30 VOLTS
RDS(on) = 100 mW
Device
Package
Shipping
ORDERING INFORMATION
SOT−223
CASE 318E
STYLE 3
MARKING
DIAGRAM
& PIN
ASSIGNMENT
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
5P03 G
A
= Assembly Location
Y
= Year
M
= Date Code
5P03 = Specific Device Code
G
= Pb−Free Package
AYM
1
Gate
2
Drain
3
Source
Drain
4
(Note: Microdot may be in either location)
SOT−223
(Pb−Free)
NTF5P03T3G
4000 / Tape &
Reel
G
G
S
D
P−Channel MOSFET
SOT−223
(Pb−Free)
NVF5P03T3G
4000 / Tape &
Reel


Similar Part No. - NVF5P03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF5P03T3G ONSEMI-NVF5P03T3G Datasheet
150Kb / 7P
   Power MOSFET 5.2 A, 30 V
October, 2011 ??Rev. 5
More results

Similar Description - NVF5P03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com