Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTGS3136PT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NTGS3136PT1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3136PT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTGS3136PT1G Datasheet HTML 1Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 2Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 3Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 4Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 5Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTGS3136P, NVGS3136P
www.onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
−50
−25
0
25
50
75
100
125
150
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
VGS = −4.5 V
−2.5 V
−2 V
−1.5 V
−1.8 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
ID = −5.1 A
VDS = −5 V
TJ = 25°C
VGS = −4.5 V
ID = −4.5 A
VGS = −5.1 V
Figure 6. Capacitance Variation
DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 0 V
TJ = 25°C
f = 1 MHz
Coss
Ciss
Crss
−2 V
−1.8 V
0
4.0
8.0
12
16
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
0.5
0.75
1
1.25
1.5
1.75
2
2.25 2.5
TJ = 25°C
TJ = 125°C
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
4.0
8.0
12
16
20
−2.5 V
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
02
4
6
8
10
12


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn