Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTGS3136PT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NTGS3136PT1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3136PT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTGS3136PT1G Datasheet HTML 1Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 2Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 3Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 4Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 5Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 2
1
Publication Order Number:
NTGS3136P/D
NTGS3136P, NVGS3136P
Power MOSFET
−20 V, −5.8 A, Single P−Channel, TSOP−6
Features
Low RDS(on) in TSOP−6 Package
1.8 V Gate Rating
Fast Switching
NV Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Optimized for Battery and Load Management Applications in
Portable Equipment
High Side Load Switch
Switching Circuits for Game Consoles, Camera Phone, etc.
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
$8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−5.1
A
TA = 85°C
−3.6
t
v 5 s
TA = 25°C
−5.8
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.25
W
t
v 5 s
1.6
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−3.7
A
TA = 85°C
−2.7
Power Dissipation
(Note 2)
TA = 25°C
PD
0.7
W
Pulsed Drain Current
tp = 10 ms
IDM
−20
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces)
2. Surface−mounted on FR4 board using the minimum recommended pad size
(Cu area = 0.0775 in sq).
3
4
12 56
P−Channel
TSOP−6
CASE 318G
STYLE 1
MARKING
DIAGRAM
XXX
= Device Code
M
= Date Code
G
= Pb−Free Package
PIN ASSIGNMENT
3
2
1
4
Gate
Drain
Source
5
6
Drain
Drain
Drain
V(BR)DSS
RDS(ON) TYP
ID MAX
−20 V
25 m
W @ −4.5 V
32 m
W @ −2.5 V
www.onsemi.com
41 m
W @ −1.8 V
XXX M
G
G
1
1
−5.1 A
−4.5 A
−2.5 A
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn