Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVGS5120PT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVGS5120PT1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVGS5120PT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NVGS5120PT1G Datasheet HTML 1Page - ON Semiconductor NVGS5120PT1G Datasheet HTML 2Page - ON Semiconductor NVGS5120PT1G Datasheet HTML 3Page - ON Semiconductor NVGS5120PT1G Datasheet HTML 4Page - ON Semiconductor NVGS5120PT1G Datasheet HTML 5Page - ON Semiconductor NVGS5120PT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 1
1
Publication Order Number:
NTGS5120P/D
NTGS5120P, NVGS5120P
Power MOSFET
−60 V, −2.9 A, Single P−Channel, TSOP−6
Features
60 V BVds, Low RDS(on) in TSOP−6 Package
4.5 V Gate Rating
NV Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
This is a Pb−Free Device
Applications
High Side Load Switch
Power Switch for Printers, Communication Equipment
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−60
V
Gate−to−Source Voltage
VGS
$20
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−2.5
A
TA = 85°C
−2.0
t v 5 s
TA = 25°C
−2.9
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.1
W
t v 5 s
1.4
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−1.8
A
TA = 85°C
−1.3
Power Dissipation
(Note 2)
TA = 25°C
PD
0.6
W
Pulsed Drain Current
tp = 10 ms
IDM
−20
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces)
2. Surface−mounted on FR4 board using the minimum recommended pad size.
3
4
12 56
P−Channel
TSOP−6
CASE 318G
STYLE 1
MARKING
DIAGRAM
XX
= Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
PIN ASSIGNMENT
3
2
1
4
Gate
Drain
Source
5
6
Drain
Drain
Drain
V(BR)DSS
RDS(ON) MAX
ID MAX
−60 V
111 mW @ −10 V
142 mW @ −4.5 V
http://onsemi.com
XX MG
G
1
1
−2.9 A
See detailed ordering and shipping information ion page 5 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - NVGS5120PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVGS5120PT1G ONSEMI-NVGS5120PT1G Datasheet
72Kb / 5P
   Single P-Channel Power MOSFET
July, 2014 ??Rev. P0
More results

Similar Description - NVGS5120PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com