Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS4101P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTHS4101P
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS4101P Datasheet(HTML) 1 Page - ON Semiconductor

  NTHS4101P_12 Datasheet HTML 1Page - ON Semiconductor NTHS4101P_12 Datasheet HTML 2Page - ON Semiconductor NTHS4101P_12 Datasheet HTML 3Page - ON Semiconductor NTHS4101P_12 Datasheet HTML 4Page - ON Semiconductor NTHS4101P_12 Datasheet HTML 5Page - ON Semiconductor NTHS4101P_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
March, 2012 − Rev. 4
1
Publication Order Number:
NTHS4101P/D
NTHS4101P
Power MOSFET
−20 V, 6.7 A, P−Channel ChipFETt
Features
Offers an Ultra Low RDS(on) Solution in the ChipFET Package
Miniature ChipFET Package 40% Smaller Footprint than TSOP−6
making it an Ideal Device for Applications where Board Space is at a
Premium
Low Profile (<1.1 mm) Allows it to Fit Easily into Extremely Thin
Environments such as Portable Electronics
Designed to Provide Low RDS(on) at Gate Voltage as Low as 1.8 V, the
Operating Voltage used in many Logic ICs in Portable Electronics
Simplifies Circuit Design since Additional Boost Circuits for Gate
Voltages are not Required
Operated at Standard Logic Level Gate Drive, Facilitating Future
Migration to Lower Levels using the same Basic Topology
Pb−Free Package is Available
Applications
Optimized for Battery and Load Management Applications in
Portable Equipment such as MP3 Players, Cell Phones, Digital
Cameras, Personal Digital Assistant and other Portable Applications
Charge Control in Battery Chargers
Buck and Boost Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
Vdc
Gate−to−Source Voltage − Continuous
VGS
"8.0
Vdc
Drain Current − Continuous
− 5 seconds
ID
ID
−4.8
−6.7
A
Total Power Dissipation
Continuous @ TA = 25°C
(5 sec) @ TA = 25°C
Continuous @ 85°C
(5 sec) @ 85°C
PD
1.3
2.5
0.7
1.3
W
Pulsed Drain Current − tp = 10 ms
IDM
−190
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
−55 to
+150
°C
Continuous Source Current
Is
−4.8
A
Thermal Resistance (Note 1)
Junction−to−Ambient, 5 sec
Junction−to−Ambient, Continuous
RqJA
RqJA
50
95
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.27 in sq
[1 oz] including traces).
G
S
D
P−Channel MOSFET
Device
Package
Shipping
ORDERING INFORMATION
NTHS4101PT1
ChipFET
3000 Tape / Reel
http://onsemi.com
−20 V
30 mW @ −2.5 V
21 mW @ −4.5 V
RDS(on) TYP
−6.7 A
ID MAX
V(BR)DSS
42 mW @ −1.8 V
NTHS4101PT1G
ChipFET
(Pb−free)
3000 Tape / Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
D
G
D
D
D
D
D
1
2
3
4
5
6
7
8
PIN
CONNECTIONS
ChipFET
CASE 1206A
STYLE 1
MARKING
DIAGRAM
C6 = Specific Device Code
M = Month Code
G = Pb−Free Package
1
2
3
4
8
7
6
5
1
8


Similar Part No. - NTHS4101P_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101PT1G ONSEMI-NTHS4101PT1G Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101PT1G ONSEMI-NTHS4101PT1G Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
More results

Similar Description - NTHS4101P_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com