Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD5121NT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTJD5121NT2G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD5121NT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NTJD5121NT2G Datasheet HTML 1Page - ON Semiconductor NTJD5121NT2G Datasheet HTML 2Page - ON Semiconductor NTJD5121NT2G Datasheet HTML 3Page - ON Semiconductor NTJD5121NT2G Datasheet HTML 4Page - ON Semiconductor NTJD5121NT2G Datasheet HTML 5Page - ON Semiconductor NTJD5121NT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 9
1
Publication Order Number:
NTJD5121N/D
NTJD5121N, NVJD5121N
Power MOSFET
60 V, 295 mA, Dual N−Channel with ESD
Protection, SC−88
Features
Low RDS(on)
Low Gate Threshold
Low Input Capacitance
ESD Protected Gate
NV Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
This is a Pb−Free Device
Applications
Low Side Load Switch
DC−DC Converters (Buck and Boost Circuits)
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
295
mA
TA = 85°C
212
t
≤ 5 s TA = 25°C
304
TA = 85°C
219
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
250
mW
t
≤ 5 s
266
Pulsed Drain Current
tp = 10 ms
IDM
900
mA
Operating Junction and Storage Temperature
TJ, TSTG
−55 to
150
°C
Source Current (Body Diode)
IS
210
mA
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Gate−Source ESD Rating (HBM)
ESDHBM
2000
V
Gate−Source ESD Rating (MM)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Ambient – Steady State
RqJA
467
°C/W
Junction−to−Ambient – t
≤ 5 s
RqJA
412
Junction−to−Lead – Steady State
RqJL
252
1. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [2 oz] including traces).
Top View
www.onsemi.com
SC−88 (SOT−363)
D1
G2
S2
S1
G1
6
5
4
1
2
3
V(BR)DSS
RDS(on) MAX
ID Max
60 V
1.6
W @ 10 V
2.5
W @ 4.5 V
295 mA
D2
www.onsemi.com
MARKING DIAGRAM &
PIN ASSIGNMENT
XX M
G
G
1
6
1
XX
= Device Code
M
= Date Code
G
= Pb−Free Package
D1 G2 S2
S1 G1 D2
(Note: Microdot may be in either location)
SC−88/SOT−363
CASE 419B
STYLE 26
See detailed ordering and shipping information ion page 5 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - NTJD5121NT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD5121NT2G ONSEMI-NTJD5121NT2G Datasheet
108Kb / 5P
   Power MOSFET 60 V, 295 mA, Dual N?묬hannel with ESD
October, 2013 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTJD5121NT2G VBSEMI-NTJD5121NT2G Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTJD5121NT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com