Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH28N60BD1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH28N60BD1
Description  Low VCE(sat) IGBT with Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH28N60BD1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH28N60BD1 Datasheet HTML 1Page - IXYS Corporation IXGH28N60BD1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
9
14
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
1500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
170
pF
C
res
40
pF
Q
g
80
100
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
15
30
nC
Q
gc
30
40
nC
t
d(on)
15
ns
t
ri
25
ns
t
d(off)
200
400
ns
t
fi
200
400
ns
E
off
36
mJ
t
d(on)
15
ns
t
ri
25
ns
E
on
1mJ
t
d(off)
400
ns
t
fi
400
ns
E
off
6mJ
R
thJC
0.83 K/W
R
thCK
TO-247
0.25
K/W
Inductive load, T
J = 25°C
I
C
= I
C90, VGE = 15 V, L = 100 mH,
V
CE
= 0.8 V
CES, RG = Roff = 10 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Inductive load, T
J = 125°C
I
C
= I
C90, VGE = 15 V, L = 100 mH
V
CE
= 0.8 V
CES, RG = Roff = 10 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
IXGH 28N60BD1
IXGT 28N60BD1
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F
= I
C90, VGE = 0 V,
T
J
= 150
°C
1.6
V
Pulse test, t
£ 300 ms, duty cycle d £ 2 % T
J =
25
°C
2.5
V
I
RM
I
F
= I
C90, VGE = 0 V, -diF/dt = 100 A/ms6
A
t
rr
V
R = 100 V
T
J
= 100
°C 100
ns
I
F
= 1 A; -di/dt = 100 A/
ms; V
R = 30 V
T
J
= 25
°C25
ns
R
thJC
1K/W
TO-247 AD (IXGH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
TO-268AA (D3 PAK)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
Min. Recommended Footprint
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXGH28N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH28N60B IXYS-IXGH28N60B Datasheet
596Kb / 5P
   Low V IGBT
IXGH28N60B3D1 IXYS-IXGH28N60B3D1 Datasheet
72Kb / 2P
   PolarHV IGBT
More results

Similar Description - IXGH28N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH31N60U1 IXYS-IXGH31N60U1 Datasheet
46Kb / 2P
   Ultra-Low VCE(sat) IGBT with Diode
IXGH38N60U1 IXYS-IXGH38N60U1 Datasheet
46Kb / 2P
   Ultra-Low VCE(sat) IGBT with Diode
IXGH17N100U1 IXYS-IXGH17N100U1 Datasheet
113Kb / 6P
   Low VCE(sat) IGBT with Diode High speed IGBT with Diode
IXSH20N60U1 IXYS-IXSH20N60U1 Datasheet
112Kb / 6P
   Low VCE(sat) IGBT with Diode, High Speed IGBT with Diode
IXGH15N120BD1 IXYS-IXGH15N120BD1 Datasheet
56Kb / 2P
   Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXGH12N100 IXYS-IXGH12N100 Datasheet
151Kb / 5P
   Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXGH10N100U1 IXYS-IXGH10N100U1 Datasheet
121Kb / 6P
   Low VCE(sat) IGBT with Diode, High speed IGBT with Diode
IXGP12N60U1 IXYS-IXGP12N60U1 Datasheet
97Kb / 6P
   Low VCE(sat) IGBT with Diode Combi Pack
IXGH10N60U1 IXYS-IXGH10N60U1 Datasheet
110Kb / 6P
   Low VCE(sat) IGBT with Diode, High speed IGBT with Diode Combi Packs
IXGH38N60 IXYS-IXGH38N60 Datasheet
45Kb / 2P
   Ultra-Low VCE(sat) IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com