Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ISA103V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA103V1
Description  Overload protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA103V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA103V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA103V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA103V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA103V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice. For further information contact your local STMicroelectronics sales office.
March 2012
Doc ID 022894 Rev 1
1/4
4
STEVAL-ISA103V1
Wide range (90 V - 265 V) input, 5 V - 12 W output demonstration
board with improved standby performance based on VIPER27LN
Data brief
preliminary data
Features
Vin: 90 V - 265 V
Vout: 5 V
Pout: 12 W
Very low standby consumption
Overload protection
Secondary winding short-circuit protection
Output overvoltage protection
Brownout protection
ENERGY STAR® compliant
RoHS compliant
Description
The STEVAL-ISA103V1 is a wide range input
demonstration board based on the VIPER27LN
and suitable for several consumer applications,
such as LCD or plasma TVs, some models of
DVD recorders, set-top boxes with hard disk, and
also desktop computers.
The STEVAL-ISA103V1 includes two modules:
the main power supply that provides most of the
power and is off when the application is in
standby mode and the auxiliary power supply that
provides energy for specific peripherals such as
USB ports, remote receivers, and modems.
The auxiliary power supply is also on when the
application is in standby mode and it is often
required that its input power be as low as
possible.
The STEVAL-ISA103V1meets the specifications
of a wide range of auxiliary power supplies for the
above mentioned applications and is optimized for
very low standby consumption, helping to meet
the most stringent energy-saving requirements.
www.st.com


Similar Part No. - STEVAL-ISA103V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
   3 A step-down switching demonstration board based on the L7986A in HSOP8 package
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
   2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
STEVAL-ISA102V2 STMICROELECTRONICS-STEVAL-ISA102V2 Datasheet
219Kb / 4P
   RoHS compliant
September 2016 Rev 1
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
   Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
STEVAL-ISA105V1 STMICROELECTRONICS-STEVAL-ISA105V1 Datasheet
193Kb / 4P
   RoHS compliant
August 2012 Rev 1
More results

Similar Description - STEVAL-ISA103V1

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPD08120MP6B2 THINKING-PPD08120MP6B2 Datasheet
384Kb / 17P
   Overload Protection
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
EPCOS
B59707-A1120-A62 EPCOS-B59707-A1120-A62 Datasheet
43Kb / 2P
   Overload Protection SMDs
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5213 MSK-MSK5213 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
   Internal thermal overload protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com