Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAS6500 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # OAS6500
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

OAS6500 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  OAS6500 Datasheet HTML 1Page - Teledyne Technologies Incorporated OAS6500 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
OAS6500
Frequencyvs.TuningVoltage Vcc=5
KEY: +25 ° C
+85 ° C
-55 ° C
7500
7000
6500
6000
5500
5000
4500
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
ModulationSensitivityvs.TuningVoltage
210.0
190.0
170.0
150.0
130.0
110.0
90.0
70.0
50.0
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
PowerOutputvs.TuningVoltage
16.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
AbsoluteLinearityvs.TuningVoltage
250.0
225.0
200.0
175.0
150.0
125.0
100.0
75.0
50.0
25.0
0.0
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
1 K
10 K
100 K
1 M
10 M
1 K
10 K
100 K
1 M
10 M
Vcc=5
O
+
14.0 15.0
M
14.0 15.0
14.0 15.0
A
15.0
PhaseNoiseat5100MHz
PhaseNoiseat6500MHz
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
OFFSET FREQUENCY - Hz
100
1 K
10 K
100 K
1 M
10 M
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
OFFSET FREQUENCY - Hz
100
1 K
10 K
100 K
1 M
10 M
Model: OAS6500
Vcc= +5V
Vstr mA = 91.85
Vstop mA = 91.3
TUNING
MODULATION
VOLTAGE
FREQ.
POWER
SENSITIVITY
LINEARITY
V
MHz
dBm
MHz/V
MHz
0.0
4932.52
11.70
0.00
0.5
5021.32
12.30
178.32
26.79
1.0
5105.35
12.72
169.01
48.90
1.5
5187.29
13.06
165.07
69.02
2.0
5267.65
13.34
161.53
87.43
2.5
5348.80
13.55
159.37
105.17
3.0
5427.40
13.68
157.89
121.77
3.5
5505.43
13.79
156.18
137.59
4.0
5581.57
13.86
153.51
151.96
4.5
5655.94
13.96
149.34
164.31
5.0
5730.56
13.99
146.60
175.55
5.5
5801.12
14.02
141.69
184.09
6.0
5869.37
13.98
137.32
190.45
6.5
5935.92
13.94
133.90
195.11
7.0
6003.50
13.85
131.22
198.55
7.5
6067.35
13.74
128.47
200.51
8.0
6130.06
13.59
126.18
201.33
8.5
6191.15
13.39
122.92
200.52
9.0
6250.32
13.18
119.05
197.80
9.5
6308.94
12.97
114.72
192.79
10.0
6363.91
12.80
110.16
185.62
10.5
6415.97
12.64
104.75
175.78
11.0
6465.53
12.51
99.52
163.33
11.5
6512.39
12.39
94.29
148.29
12.0
6558.21
12.25
89.84
130.60
12.5
6600.89
12.12
85.88
111.39
13.0
6641.94
12.00
82.60
90.55
13.5
6682.02
11.87
80.64
68.74
14.0
6721.38
11.72
79.20
46.20
14.5
6761.58
11.60
78.82
22.89
15.0
6800.58
11.48
78.47
0.00


Similar Part No. - OAS6500

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
OAS5100 TELEDYNE-OAS5100 Datasheet
188Kb / 2P
   4300 TO 5100 MHz VOLTAGE CONTROLLED OSCILLATOR
OAS7700 TELEDYNE-OAS7700 Datasheet
145Kb / 1P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - OAS6500

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com