Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43485 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL43485
Description  3.3V, Low Power, 30Mbps, RS-485/RS-422
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43485 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL43485 Datasheet HTML 3Page - Intersil Corporation ISL43485 Datasheet HTML 4Page - Intersil Corporation ISL43485 Datasheet HTML 5Page - Intersil Corporation ISL43485 Datasheet HTML 6Page - Intersil Corporation ISL43485 Datasheet HTML 7Page - Intersil Corporation ISL43485 Datasheet HTML 8Page - Intersil Corporation ISL43485 Datasheet HTML 9Page - Intersil Corporation ISL43485 Datasheet HTML 10Page - Intersil Corporation ISL43485 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
ISL43485
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - ISL43485

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL43485 INTERSIL-ISL43485 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485IB INTERSIL-ISL43485IB Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL43485IB RENESAS-ISL43485IB Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results

Similar Description - ISL43485

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com