Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ISA035V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA035V1
Description  Integrated short-circuit protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA035V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA035V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA035V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA035V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA035V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
January 2010
Doc ID 15041 Rev 2
1/4
4
STEVAL-ISA035V1
Non-isolated offline power supply demonstration board
based on the VIPER22A-E
Features
Input voltage range: 85 Vac to 264 Vac
Input voltage frequency: 50/60 Hz
Lowest possible component count
Integrated thermal overload protection
No-load consumption: around 200 mW
70% to 80% efficiency at full load
Integrated short-circuit protection
Description
Many appliances today use non-isolated power
supplies to furnish the low output power required
to run a microcontroller, LED displays, and relays
or AC switches. This type of power supply has a
single rectifier to reference the neutral to output
ground in order to fire Triacs or AC switches.
This demonstration board can use the
VIPER12A-E or the VIPER22A-E, which are pin-
for-pin compatible and can supply power for a
wide variety of applications.
The VIPER12A-E is used for 12 V at 200 mA and
16 V at 200 mA, while the VIPER22A-E is used
for 12 V at 350 mA and 16 V at 350 mA.
The same board can be used for any output
voltage from 10 V to 35 V.
For more design details, please refer to
application note AN1357.
STEVAL-ISA035V1
www.st.com


Similar Part No. - STEVAL-ISA035V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
   6 W 3-phase SMPS for metering evaluation board
December 2007 Rev 1
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
   60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
   55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
   10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
   5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
More results

Similar Description - STEVAL-ISA035V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
   Short circuit protection
logo
STMicroelectronics
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
   Short-circuit protection
April 2011 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
   SHORT CIRCUIT PROTECTION
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
   Short Circuit Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com