Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFD4901NFT3G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NTMFD4901NFT3G
Description  Dual N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD4901NFT3G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NTMFD4901NFT3G Datasheet HTML 4Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 5Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 6Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 7Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 8Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 9Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 10Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 11Page - ON Semiconductor NTMFD4901NFT3G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NTMFD4901NF
http://onsemi.com
10
TYPICAL CHARACTERISTICS − Q2
Figure 19. Capacitance Variation
Figure 20. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
30
25
20
15
10
5
0
0
500
1000
2000
2500
3000
3500
4000
45
35
30
15
10
5
0
0
1
3
5
6
8
9
11
Figure 21. Resistive Switching Time Variation
vs. Gate Resistance
Figure 22. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.0
0.7
0.6
0.5
0.4
0.3
0
1
2
3
4
5
6
1500
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
20
25
40
2
4
7
10
ID = 10 A
TJ = 25°C
QT
Qgs
Qgd
VGS = 10 V
VDD = 15 V
ID = 10 A
td(off)
td(on)
tf
tr
TJ = 25°C
VGS = 0 V
7
8
9
10
0.1
0.2
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
Figure 23. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0 V
≤ VGS ≤ 20 V
SINGLE PULSE
TA = 25°C
Single Pulse
1 ms
10
ms
10 ms
dc
100
ms


Similar Part No. - NTMFD4901NFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4901NFT3G ONSEMI-NTMFD4901NFT3G Datasheet
113Kb / 12P
   Dual N-Channel Power MOSFET with Integrated Schottky
June, 2014 ??Rev. 6
More results

Similar Description - NTMFD4901NFT3G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCQ05N06 MCC-MCQ05N06 Datasheet
513Kb / 4P
   Dual N-Channel Power MOSFET
logo
Fairchild Semiconductor
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMFD4902NF ONSEMI-NTMFD4902NF Datasheet
109Kb / 10P
   Dual N-Channel Power MOSFET
September, 2015 ??Rev. 5
logo
Fairchild Semiconductor
SSD2025 FAIRCHILD-SSD2025 Datasheet
183Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
MCCD2005 MCC-MCCD2005 Datasheet
618Kb / 4P
   Dual N-Channel Power MOSFET
MCCD2007 MCC-MCCD2007 Datasheet
613Kb / 4P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
ENA2329 ONSEMI-ENA2329 Datasheet
509Kb / 6P
   Dual N-Channel Power MOSFET
July, 2014
logo
Taiwan Semiconductor Co...
TSM250N02D TSC-TSM250N02D Datasheet
251Kb / 6P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
NVMFD6H846NL ONSEMI-NVMFD6H846NL Datasheet
210Kb / 7P
   MOSFET - Power, Dual N-Channel
March, 2020 ??Rev. 0
NTMFD4C20N ONSEMI-NTMFD4C20N Datasheet
165Kb / 12P
   Dual N-Channel Power MOSFET
December, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com