Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A512M16JY-083E Datasheet(PDF) 90 Page - Micron Technology

Part # MT40A512M16JY-083E
Description  Automotive DDR4 SDRAM
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A512M16JY-083E Datasheet(HTML) 90 Page - Micron Technology

Back Button MT40A512M16JY-083E Datasheet HTML 86Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 87Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 88Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 89Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 90Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 91Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 92Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 93Page - Micron Technology MT40A512M16JY-083E Datasheet HTML 94Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 358 page
background image
A2 = 0b (for BL = 8, burst order is fixed at 0, 1, 2, 3, 4, 5, 6, 7; for BC = 4, burst order is
fixed at 0, 1, 2, 3, T, T, T, T)
BA1 and BA0 indicate the MPR location
A10 and other address pins are "Don’t Care," including BG1 and BG0. A12 is "Don’t
Care" when MR0 A[1:0] = 00 or 10 and must be 1b when MR0 A[1:0] = 01
3. Parity latency (PL) is added to data output delay when CA parity latency mode is ena-
bled.
Figure 32: MPR READ-to-WRITE Timing
T0
T1
T2
DQ
DQS_t,
DQS_c
tMPRR
Ta0
Ta1
Ta2
Ta3
Ta4
Ta5
Ta6
Tb0
Tb1
Tb2
DES
DES
DES
DES
WRITE
DES
DES
Command
DES
READ
DES
DES
DES
DES
Valid
Valid
Valid
Valid
Add2
Valid
Valid
Valid
Add1
Valid
Valid
Valid
Valid
Address
CKE
PL3 + AL + CL
UI2
UI3
UI0
UI1
UI4
UI5
UI6
UI7
CK_t
CK_c
Don’t Care
Time Break
Notes:
1. Address setting:
A[1:0] = 00b (data burst order is fixed starting at nibble, always 00b here)
A2 = 0b (for BL = 8, burst order is fixed at 0, 1, 2, 3, 4, 5, 6, 7)
BA1 and BA0 indicate the MPR location
A10 and other address pins are "Don’t Care," including BG1 and BG0. A12 is "Don’t
Care" when MR0 A[1:0] = 00 and must be 1b when MR0 A[1:0] = 01
2. Address setting:
BA1 and BA0 indicate the MPR location
A[7:0] = data for MPR
BA1 and BA0 indicate the MPR location
A10 and other address pins are "Don’t Care"
3. Parity latency (PL) is added to data output delay when CA parity latency mode is ena-
bled.
MPR Writes
MPR access mode allows 8-bit writes to the MPR Page 0 using the address bus A[7:0].
Data bus inversion (DBI) is not allowed during MPR WRITE operation. The DRAM will
maintain the new written values unless re-initialized or there is power loss.
The following steps are required to use the MPR to write to mode register MPR Page 0.
1. The DLL must be locked if enabled.
2. Precharge all; wait until tRP is satisfied.
3. MRS command to MR3[2] = 1 (enable MPR data flow) and MR3[1:0] = 00 (MPR
Page 0); writes to 01, 10, and 11 are not allowed.
4. tMRD and tMOD must be satisfied.
8Gb: x8, x16 Automotive DDR4 SDRAM
Multipurpose Register
CCMTD-1406124318-10419
8gb_auto_ddr4_dram.pdf - Rev. C 3/17 EN
90
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2016 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A512M16JY-083E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A512M16JY-075EAIT MICRON-MT40A512M16JY-075EAIT Datasheet
11Mb / 358P
   8Gb: x4, x8, x16 DDR4 SDRAM
More results

Similar Description - MT40A512M16JY-083E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A512M8RH-075EAUT MICRON-MT40A512M8RH-075EAUT Datasheet
11Mb / 359P
   Automotive DDR4 SDRAM
MT40A256M16GE-075EAIT MICRON-MT40A256M16GE-075EAIT Datasheet
11Mb / 359P
   Automotive DDR4 SDRAM
MT40A1G8WE-083E MICRON-MT40A1G8WE-083E Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
MT40A1G8WE-083EAAT MICRON-MT40A1G8WE-083EAAT Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
MT40A256M16GE-075EAUT MICRON-MT40A256M16GE-075EAUT Datasheet
11Mb / 359P
   Automotive DDR4 SDRAM
logo
Nanya Technology Corpor...
NT5AD1024M8A3 NANYA-NT5AD1024M8A3 Datasheet
13Mb / 294P
   Automotive DDR4 8Gb SDRAM
logo
Micron Technology
EDY4016AABG-JD-F MICRON-EDY4016AABG-JD-F Datasheet
10Mb / 356P
   DDR4 SDRAM
MT40A512M8RH-075E MICRON-MT40A512M8RH-075E Datasheet
10Mb / 365P
   DDR4 SDRAM
MTA8ATF1G64HZ MICRON-MTA8ATF1G64HZ Datasheet
449Kb / 24P
   DDR4 SDRAM SODIMM
logo
List of Unclassifed Man...
H5ANAG8NCMR-XXC ETC-H5ANAG8NCMR-XXC Datasheet
655Kb / 43P
   16Gb DDR4 SDRAM
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com