Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A512M16HA-083EIT Datasheet(PDF) 33 Page - Micron Technology

Part # MT40A512M16HA-083EIT
Description  Programmable data strobe preambles
Download  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A512M16HA-083EIT Datasheet(HTML) 33 Page - Micron Technology

Back Button MT40A512M16HA-083EIT Datasheet HTML 29Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 30Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 31Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 32Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 33Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 34Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 35Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 36Page - Micron Technology MT40A512M16HA-083EIT Datasheet HTML 37Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 373 page
background image
Figure 12: 96-Ball FBGA – x16 (LY)
Seating plane
0.12 A
Ball A1 ID
(covered by SR)
Ball A1 ID
A
0.34 ±0.05
1.1 ±0.1
6.4 CTR
7.5 ±0.1
0.8 TYP
12 CTR
13.5 ±0.1
96X Ø0.47
Dimensions apply
to solder balls post-
reflow on Ø0.42
SMD ball pads.
0.8 TYP
1.8 CTR
Nonconductive
overmold
0.155
1
2
3
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
Notes:
1. All dimensions are in millimeters.
2. Solder ball material: SAC302 (96.8% Sn, 3% Ag, 0.2% Cu).
8Gb: x4, x8, x16 DDR4 SDRAM
Package Dimensions
09005aef861d1d4a
8gb_ddr4_dram.pdf - Rev. G 1/17 EN
33
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2015 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A512M16HA-083EIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A512M16 MICRON-MT40A512M16 Datasheet
11Mb / 373P
   Programmable data strobe preambles
MT40A512M16JY-075EAIT MICRON-MT40A512M16JY-075EAIT Datasheet
11Mb / 358P
   8Gb: x4, x8, x16 DDR4 SDRAM
MT40A512M16JY-083E MICRON-MT40A512M16JY-083E Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
MT40A512M16LY MICRON-MT40A512M16LY Datasheet
11Mb / 373P
   Programmable data strobe preambles
More results

Similar Description - MT40A512M16HA-083EIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A2G4PM-083E MICRON-MT40A2G4PM-083E Datasheet
11Mb / 373P
   Programmable data strobe preambles
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com