Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A512M8 Datasheet(PDF) 51 Page - Micron Technology

Part # MT40A512M8
Description  Programmable data strobe preambles
Download  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A512M8 Datasheet(HTML) 51 Page - Micron Technology

Back Button MT40A512M8 Datasheet HTML 47Page - Micron Technology MT40A512M8 Datasheet HTML 48Page - Micron Technology MT40A512M8 Datasheet HTML 49Page - Micron Technology MT40A512M8 Datasheet HTML 50Page - Micron Technology MT40A512M8 Datasheet HTML 51Page - Micron Technology MT40A512M8 Datasheet HTML 52Page - Micron Technology MT40A512M8 Datasheet HTML 53Page - Micron Technology MT40A512M8 Datasheet HTML 54Page - Micron Technology MT40A512M8 Datasheet HTML 55Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 365 page
background image
Mode Register 2
Mode register 2 (MR2) controls various device operating modes as shown in the follow-
ing register definition table. Not all settings listed may be available on a die; only set-
tings required for speed bin support are available. MR2 is written by issuing the MRS
command while controlling the states of the BGx, BAx, and Ax address pins. The map-
ping of address pins during the MRS command is shown in the following MR2 Register
Definition table.
Table 13: Address Pin Mapping
Address
bus
BG1 BG0 BA1 BA0 A17 RAS
_n
CAS
_n
WE
_n
A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Mode
register
21
20
19
18
17
13
12
11
10
9876543210
Note:
1. RAS_n, CAS_n, and WE_n must be LOW during MODE REGISTER SET command.
Table 14: MR2 Register Definition
Mode
Register Description
21
RFU
0 = Must be programmed to 0
1 = Reserved
20:18
MR select
000 = MR0
001 = MR1
010 = MR2
011 = MR3
100 = MR4
101 = MR5
110 = MR6
111 = DNU
17
N/A on 4Gb and 8Gb, RFU
0 = Must be programmed to 0
1 = Reserved
13
RFU
0 = Must be programmed to 0
1 = Reserved
12
WRITE data bus CRC
0 = Disabled
1 = Enabled
4Gb: x4, x8, x16 DDR4 SDRAM
Mode Register 2
09005aef84af6dd0
4gb_ddr4_dram.pdf - Rev. G 1/17 EN
51
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2014 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A512M8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A512M8RH-075E MICRON-MT40A512M8RH-075E Datasheet
10Mb / 365P
   DDR4 SDRAM
MT40A512M8RH-075EAUT MICRON-MT40A512M8RH-075EAUT Datasheet
11Mb / 359P
   Automotive DDR4 SDRAM
More results

Similar Description - MT40A512M8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A2G4PM-083E MICRON-MT40A2G4PM-083E Datasheet
11Mb / 373P
   Programmable data strobe preambles
MT40A512M16HA-083EIT MICRON-MT40A512M16HA-083EIT Datasheet
11Mb / 373P
   Programmable data strobe preambles
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com