Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A512M8RH-083E Datasheet(PDF) 39 Page - Micron Technology

Part # MT40A512M8RH-083E
Description  Programmable data strobe preambles
Download  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A512M8RH-083E Datasheet(HTML) 39 Page - Micron Technology

Back Button MT40A512M8RH-083E Datasheet HTML 35Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 36Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 37Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 38Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 39Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 40Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 41Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 42Page - Micron Technology MT40A512M8RH-083E Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 365 page
background image
Figure 13: RESET Procedure at Power Stable Condition
CKE
R
TT
BG, BA
tPW_RESET_S
CK_t, CK_c
Command
Note 1
Note 1
Td
Tc
Don’t Care
Time Break
tIS
ODT
Th
tMRD
tMOD
MRS
MRS
Valid
Valid
tMRD
tMRD
MRS
MRx
MRx
MRx
MRS
MRx
Ti
Tj
Tk
RESET_n
T = 500μs
Valid
Te
Ta
Tb
Tf
ZQCL
tIS
Static LOW in case R
TT(NOM) is enabled at time Tg, otherwise static HIGH or LOW
tIS
tIS
tXPR
Valid
T (MIN) = 10ns
V
DD, VDDQ
V
PP
tDLLK
tZQinit
tCKSRX
Tg
Notes:
1. From time point Td until Tk, a DES command must be applied between MRS and ZQCL
commands.
2. MRS commands must be issued to all mode registers that have defined settings.
3. In general, there is no specific sequence for setting the MRS locations (except for de-
pendent or co-related features, such as ENABLE DLL in MR1 prior to RESET DLL in MR0,
for example).
4. TEN is not shown; however, it is assumed to be held LOW.
Uncontrolled Power-Down Sequence
In the event of an uncontrolled ramping down of VPP supply, VPP is allowed to be less
than VDD provided the following conditions are met:
• Condition A: VPP and VDD/VDDQ are ramping down (as part of turning off) from nor-
mal operating levels.
• Condition B: The amount that VPP may be less than VDD/VDDQ is less than or equal to
500mV.
• Condition C: The time VPP may be less than VDD is ≤10ms per occurrence with a total
accumulated time in this state
≤100ms.
4Gb: x4, x8, x16 DDR4 SDRAM
RESET and Initialization Procedure
09005aef84af6dd0
4gb_ddr4_dram.pdf - Rev. G 1/17 EN
39
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2014 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A512M8RH-083E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A512M8RH-075E MICRON-MT40A512M8RH-075E Datasheet
10Mb / 365P
   DDR4 SDRAM
MT40A512M8RH-075EAUT MICRON-MT40A512M8RH-075EAUT Datasheet
11Mb / 359P
   Automotive DDR4 SDRAM
More results

Similar Description - MT40A512M8RH-083E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A2G4PM-083E MICRON-MT40A2G4PM-083E Datasheet
11Mb / 373P
   Programmable data strobe preambles
MT40A512M16HA-083EIT MICRON-MT40A512M16HA-083EIT Datasheet
11Mb / 373P
   Programmable data strobe preambles
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com