Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A512M8RH-075EAUT Datasheet(PDF) 26 Page - Micron Technology

Part # MT40A512M8RH-075EAUT
Description  Automotive DDR4 SDRAM
Download  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A512M8RH-075EAUT Datasheet(HTML) 26 Page - Micron Technology

Back Button MT40A512M8RH-075EAUT Datasheet HTML 22Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 23Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 24Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 25Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 26Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 27Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 28Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 29Page - Micron Technology MT40A512M8RH-075EAUT Datasheet HTML 30Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 359 page
background image
Package Dimensions
Figure 6: 78-Ball FBGA – x4, x8 "RH"
6.4 CTR
9 ±0.1
0.8 TYP
10.5 ±0.1
9.6 CTR
0.8 TYP
1.1 ±0.1
1
A
2
3
7
8
9
B
C
D
E
F
G
H
J
K
L
M
N
0.12 A
A
0.155
78X Ø0.47
Dimensions apply
to solder balls post-
reflow on Ø0.42 SMD
ball pads.
Seating plane
Ball A1 ID
(covered by SR)
Ball A1 ID
1.8 CTR
Nonconductive
overmold
0.34 ±0.05
Notes:
1. All dimensions are in millimeters.
2. Solder ball material: SAC305 (Pb-free 96.5% Sn, 3% Ag, 0.5% Cu).
4Gb: x8, x16 Automotive DDR4 SDRAM
Package Dimensions
CCMTD-1725822587-10418
4gb_auto_ddr4_sdram_z90b.pdf - Rev. D 01/17 EN
26
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2016 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A512M8RH-075EAUT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A512M8RH-075E MICRON-MT40A512M8RH-075E Datasheet
10Mb / 365P
   DDR4 SDRAM
More results

Similar Description - MT40A512M8RH-075EAUT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A256M16GE-075EAIT MICRON-MT40A256M16GE-075EAIT Datasheet
11Mb / 359P
   Automotive DDR4 SDRAM
MT40A512M16JY-083E MICRON-MT40A512M16JY-083E Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
MT40A1G8WE-083E MICRON-MT40A1G8WE-083E Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
MT40A1G8WE-083EAAT MICRON-MT40A1G8WE-083EAAT Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
MT40A256M16GE-075EAUT MICRON-MT40A256M16GE-075EAUT Datasheet
11Mb / 359P
   Automotive DDR4 SDRAM
logo
Nanya Technology Corpor...
NT5AD1024M8A3 NANYA-NT5AD1024M8A3 Datasheet
13Mb / 294P
   Automotive DDR4 8Gb SDRAM
logo
Micron Technology
EDY4016AABG-JD-F MICRON-EDY4016AABG-JD-F Datasheet
10Mb / 356P
   DDR4 SDRAM
MT40A512M8RH-075E MICRON-MT40A512M8RH-075E Datasheet
10Mb / 365P
   DDR4 SDRAM
MTA8ATF1G64HZ MICRON-MTA8ATF1G64HZ Datasheet
449Kb / 24P
   DDR4 SDRAM SODIMM
logo
List of Unclassifed Man...
H5ANAG8NCMR-XXC ETC-H5ANAG8NCMR-XXC Datasheet
655Kb / 43P
   16Gb DDR4 SDRAM
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com