Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPET0305-W5 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPET0305-W5
Description  0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPET0305-W5 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPET0305-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPET0305-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPET0305-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPET-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 2 of 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
TA=-40
℃ to 85℃
1.0
W
Voltage set point accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
Load regulation(10% load to rated load)
03XX,0503,1203 & 2403
10
14
%
Load regulation(10% load to rated load)
0505,1205 & 2405
13
15
%
Load regulation(10% load to rated load)
0509,1209 & 2409
8.0
9.0
%
Load regulation(10% load to rated load)
0512,1212 & 2412
6.5
7.5
%
Load regulation(10% load to rated load)
0515,1215, 1515 & 2415
6
7.0
%
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
120
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
Storage
-55
125
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
3.3V output types
All other types
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN SMD
Pin
Function
Add suffix “X” function
1
-Vin
-Vin
3
+Vin
+Vin
5
NA
No Pin
7
-Vout
-Vout
8
+Vout
+Vout
10
NA
No Pin
12
NA
No Pin
14
NA
NA
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 1.21g
NA - Not available for electrical connection.
SMD Package
O utput Load C urrent(% )
+ 9%
+ 1%
V
N OM
-7%
-7%
+ 1%
-15 %
10 0
7 5
50
25
1 0
Typical Load
Line
Output Load Current(%)
+9.5%
+5%
V
NOM
-2.5%
+2.5%
-8%
100
75
50
25
10
Typical Lo
ad Line
1.5
1.0
0.5
0
-40
0
50
100
150
Am bient Tem perature(°C)
85°C
Safe Operating Area
105
( Magnification of A )
S SEATING PLAN E
0.15 S
13.70
7.62
8.00 11.00±0.2
3.04
2.54
0.60
0.25
7.00±0.5
0.25
11.00
5.50
5.50
1.50±0.1
1
3
5
7
14 12 10
8
YYWW
TPET0505
TOPPOWER


Similar Part No. - TPET0305-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPET0305-W5 TOPPOWER-TPET0305-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
More results

Similar Description - TPET0305-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5 Datasheet
208Kb / 4P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com