Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLJD3115P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJD3115P
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJD3115P Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJD3115P Datasheet HTML 1Page - ON Semiconductor NTLJD3115P Datasheet HTML 2Page - ON Semiconductor NTLJD3115P Datasheet HTML 3Page - ON Semiconductor NTLJD3115P Datasheet HTML 4Page - ON Semiconductor NTLJD3115P Datasheet HTML 5Page - ON Semiconductor NTLJD3115P Datasheet HTML 6Page - ON Semiconductor NTLJD3115P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTLJD3115P
www.onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, Ref to 25°C
9.95
mV/°C
Zero Gate Voltage Drain Current
IDSS
VDS = −16 V, VGS = 0 V
TJ = 25°C
−1.0
mA
TJ = 85°C
−10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.4
−0.7
−1.0
V
Negative Gate Threshold
Temperature Coefficient
VGS(TH)/TJ
2.44
mV/°C
Drain−to−Source On−Resistance
RDS(on)
VGS = −4.5, ID = −2.0 A
75
100
mW
VGS = −2.5, ID = −2.0 A
101
135
VGS = −1.8, ID = −1.6 A
150
200
Forward Transconductance
gFS
VDS = −5.0 V, ID = −2.0 A
6.0
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −10 V
531
pF
Output Capacitance
COSS
91
Reverse Transfer Capacitance
CRSS
56
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −10 V,
ID = −2.0 A
5.5
6.2
nC
Threshold Gate Charge
QG(TH)
0.7
Gate−to−Source Charge
QGS
1.0
Gate−to−Drain Charge
QGD
1.4
Gate Resistance
RG
8.8
W
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −5.0 V,
ID = −1.0 A, RG = 6.0 W
6.0
ns
Rise Time
tr
11
Turn−Off Delay Time
td(OFF)
21
Fall Time
tf
8.0
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −10 V,
ID = −2.0 A, RG = 2.0 W
6.0
ns
Rise Time
tr
12
Turn−Off Delay Time
td(OFF)
19
Fall Time
tf
6.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Recovery Voltage
VSD
VGS = 0 V, IS = −1.0 A
TJ = 25°C
−0.75
−1.0
V
TJ = 125°C
−0.64
Reverse Recovery Time
tRR
VGS = 0 V, dISD/dt = 100 A/ms,
IS = −1.0 A
12.6
ns
Charge Time
ta
7.0
Discharge Time
tb
5.6
Reverse Recovery Time
QRR
5.0
nC
5. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTLJD3115P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3115P ONSEMI-NTLJD3115P Datasheet
88Kb / 7P
   Power MOSFET
June, 2006 ??Rev. 4
NTLJD3115PT1G ONSEMI-NTLJD3115PT1G Datasheet
88Kb / 7P
   Power MOSFET
June, 2006 ??Rev. 4
NTLJD3115PTAG ONSEMI-NTLJD3115PTAG Datasheet
88Kb / 7P
   Power MOSFET
June, 2006 ??Rev. 4
More results

Similar Description - NTLJD3115P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com