Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A1G8 Datasheet(PDF) 46 Page - Micron Technology

Part # MT40A1G8
Description  Programmable data strobe preambles
Download  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A1G8 Datasheet(HTML) 46 Page - Micron Technology

Back Button MT40A1G8 Datasheet HTML 42Page - Micron Technology MT40A1G8 Datasheet HTML 43Page - Micron Technology MT40A1G8 Datasheet HTML 44Page - Micron Technology MT40A1G8 Datasheet HTML 45Page - Micron Technology MT40A1G8 Datasheet HTML 46Page - Micron Technology MT40A1G8 Datasheet HTML 47Page - Micron Technology MT40A1G8 Datasheet HTML 48Page - Micron Technology MT40A1G8 Datasheet HTML 49Page - Micron Technology MT40A1G8 Datasheet HTML 50Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 373 page
background image
Table 7: MR0 Register Definition (Continued)
Mode
Register
Description
8
DLL reset
0 = No
1 = Yes
7
Test mode (TM) – Manufacturer use only
0 = Normal operating mode, must be programmed to 0
12, 6:4, 2
CAS latency (CL) – Delay in clock cycles from the internal READ command to first data-out
00000 = 9 clocks1
00001 = 10 clocks
00010 = 11 clocks1
00011 = 12 clocks
00100 = 13 clocks1
00101 = 14 clocks
00110 = 15 clocks1
00111 = 16 clocks
01000 = 18 clocks
01001 = 20 clocks
01010 = 22 clocks
01011 = 24 clocks
01100 = 23 clocks1
01101 = 17 clocks1
01110 = 19 clocks1
01111 = 21 clocks 1
10000 = 25 clocks (3DS use only)
10001 = 26 clocks
10010 = 27 clocks (3DS use only)
10011 = 28 clocks
10100 = 29 clocks1
10101 = 30 clocks
10110 = 31 clocks1
10111 = 32 clocks
3
Burst type (BT) – Data burst ordering within a READ or WRITE burst access
0 = Nibble sequential
1 = Interleave
1:0
Burst length (BL) – Data burst size associated with each read or write access
00 = BL8 (fixed)
01 = BC4 or BL8 (on-the-fly)
10 = BC4 (fixed)
11 = Reserved
Notes:
1. Not allowed when 1/4 rate gear-down mode is enabled.
2. If WR requirement exceeds 28 clocks or RTP exceeds 14 clocks, WR should be set to 28
clocks and RTP should be set to 14 clocks.
8Gb: x4, x8, x16 DDR4 SDRAM
Mode Register 0
09005aef861d1d4a
8gb_ddr4_dram.pdf - Rev. G 1/17 EN
46
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2015 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A1G8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A1G8WE-075E MICRON-MT40A1G8WE-075E Datasheet
11Mb / 358P
   Refresh time of 8192-cycle at TC temperature range
MT40A1G8WE-083E MICRON-MT40A1G8WE-083E Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
MT40A1G8WE-083EAAT MICRON-MT40A1G8WE-083EAAT Datasheet
11Mb / 358P
   Automotive DDR4 SDRAM
More results

Similar Description - MT40A1G8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M16HA-083EIT MICRON-MT40A512M16HA-083EIT Datasheet
11Mb / 373P
   Programmable data strobe preambles
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com