Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVRT120 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRT120
Description  30mA 12kV 100nS--High voltage silicon rectifier diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRT120 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRT120_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVRT120_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVRT120
30mA 12kV 100nS--High voltage silicon rectifier diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
12
kV
Average Output Current
IF
Ta=55°C;Resistive Load
30
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz)
3.0
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
25
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
1.0
uA
IR2
at 100°C; atVRRM
20
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
0.6
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-310
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.32 grams (approx).


Similar Part No. - HVRT120_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRT120 GETEDZ-HVRT120_16 Datasheet
90Kb / 1P
   12kV 30mA HIGH VOLTAGE DIODES
More results

Similar Description - HVRT120_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJC50F12 GETEDZ-ESJC50F12_16 Datasheet
476Kb / 2P
   450mA 12kV 100nS--High voltage silicon rectifier diode
HV500F12 GETEDZ-HV500F12_17 Datasheet
507Kb / 2P
   450mA 12kV 100nS--High voltage silicon rectifier diode
HVRT250 GETEDZ-HVRT250_17 Datasheet
514Kb / 2P
   30mA 25kV 100nS--High voltage silicon rectifier diode
HVRT100 GETEDZ-HVRT100_17 Datasheet
514Kb / 2P
   30mA 10kV 100nS--High voltage silicon rectifier diode
HVRT200 GETEDZ-HVRT200_17 Datasheet
514Kb / 2P
   30mA 20kV 100nS--High voltage silicon rectifier diode
HVRT150 GETEDZ-HVRT150_17 Datasheet
514Kb / 2P
   30mA 15kV 100nS--High voltage silicon rectifier diode
HVRT080 GETEDZ-HVRT080_17 Datasheet
515Kb / 2P
   30mA 8kV 100nS--High voltage silicon rectifier diode
HV10G12 GETEDZ-HV10G12_16 Datasheet
349Kb / 2P
   10mA 12kV 100nS-HIGH VOLTAGE DIODE
HVRT120 GETEDZ-HVRT120 Datasheet
98Kb / 1P
   12kV 30mA HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120_16 Datasheet
90Kb / 1P
   12kV 30mA HIGH VOLTAGE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com