Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A2G4 Datasheet(PDF) 26 Page - Micron Technology

Part # MT40A2G4
Description  Programmable data strobe preambles
Download  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A2G4 Datasheet(HTML) 26 Page - Micron Technology

Back Button MT40A2G4 Datasheet HTML 22Page - Micron Technology MT40A2G4 Datasheet HTML 23Page - Micron Technology MT40A2G4 Datasheet HTML 24Page - Micron Technology MT40A2G4 Datasheet HTML 25Page - Micron Technology MT40A2G4 Datasheet HTML 26Page - Micron Technology MT40A2G4 Datasheet HTML 27Page - Micron Technology MT40A2G4 Datasheet HTML 28Page - Micron Technology MT40A2G4 Datasheet HTML 29Page - Micron Technology MT40A2G4 Datasheet HTML 30Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 373 page
background image
Table 3: Ball Descriptions (Continued)
Symbol
Type
Description
CKE
Input
Clock enable: CKE HIGH activates and CKE LOW deactivates the internal clock sig-
nals, device input buffers, and output drivers. Taking CKE LOW provides PRECHARGE
POWER-DOWN and SELF REFRESH operations (all banks idle), or active power-down
(row active in any bank). CKE is asynchronous for self refresh exit. After VREFCA has
become stable during the power-on and initialization sequence, it must be main-
tained during all operations (including SELF REFRESH). CKE must be maintained HIGH
throughout read and write accesses. Input buffers (excluding CK_t, CK_c, ODT, RE-
SET_n, and CKE) are disabled during power-down. Input buffers (excluding CKE and
RESET_n) are disabled during self refresh.
CS_n
Input
Chip select: All commands are masked when CS_n is registered HIGH. CS_n provides
for external rank selection on systems with multiple ranks. CS_n is considered part of
the command code.
DM_n,
UDM_n
LDM_n
Input
Input data mask: DM_n is an input mask signal for write data. Input data is masked
when DM is sampled LOW coincident with that input data during a write access. DM
is sampled on both edges of DQS. DM is not supported on x4 configurations. The
UDM_n and LDM_n pins are used in the x16 configuration: UDM_n is associated with
DQ[15:8]; LDM_n is associated with DQ[7:0]. The DM, DBI, and TDQS functions are en-
abled by mode register settings. See the Data Mask section.
ODT
Input
On-die termination: ODT (registered HIGH) enables termination resistance internal
to the DDR4 SDRAM. When enabled, ODT (RTT) is applied only to each DQ, DQS_t,
DQS_c, DM_n/DBI_n/TDQS_t, and TDQS_c signal for the x4 and x8 configurations
(when the TDQS function is enabled via mode register). For the x16 configuration, RTT
is applied to each DQ, DQSU_t, DQSU_c, DQSL_t, DQSL_c, UDM_n, and LDM_n signal.
The ODT pin will be ignored if the mode registers are programmed to disable RTT.
PAR
Input
Parity for command and address: This function can be enabled or disabled via the
mode register. When enabled, the parity signal covers all command and address in-
puts, including ACT_n, RAS_n/A16, CAS_n/A15, WE_n/A14, A[17:0], A10/AP, A12/BC_n,
BA[1:0], and BG[1:0] with C0, C1, and C2 on 3DS only devices. Control pins NOT cov-
ered by the parity signal are CS_n, CKE, and ODT. Unused address pins that are densi-
ty- and configuration-specific should be treated internally as 0s by the DRAM parity
logic. Command and address inputs will have parity check performed when com-
mands are latched via the rising edge of CK_t and when CS_n is LOW.
RAS_n/A16,
CAS_n/A15,
WE_n/A14
Input
Command inputs: RAS_n/A16, CAS_n/A15, and WE_n/A14 (along with CS_n and
ACT_n) define the command and/or address being entered. See the ACT_n descrip-
tion in this table.
RESET_n
Input
Active LOW asynchronous reset: Reset is active when RESET_n is LOW, and inac-
tive when RESET_n is HIGH. RESET_n must be HIGH during normal operation. RESET_n
is a CMOS rail-to-rail signal with DC HIGH and LOW at 80% and 20% of VDD (960 mV
for DC HIGH and 240 mV for DC LOW).
TEN
Input
Connectivity test mode: TEN is active when HIGH and inactive when LOW. TEN
must be LOW during normal operation. TEN is a CMOS rail-to-rail signal with DC
HIGH and LOW at 80% and 20% of VDD (960mV for DC HIGH and 240mV for DC
LOW).
8Gb: x4, x8, x16 DDR4 SDRAM
Ball Descriptions
09005aef861d1d4a
8gb_ddr4_dram.pdf - Rev. G 1/17 EN
26
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2015 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A2G4TRF-093E MICRON-MT40A2G4TRF-093E Datasheet
359Kb / 13P
   TwinDie 1.2V DDR4 SDRAM
More results

Similar Description - MT40A2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M16HA-083EIT MICRON-MT40A512M16HA-083EIT Datasheet
11Mb / 373P
   Programmable data strobe preambles
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com