Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40A2G4 Datasheet(PDF) 71 Page - Micron Technology

Part # MT40A2G4
Description  Programmable data strobe preambles
Download  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT40A2G4 Datasheet(HTML) 71 Page - Micron Technology

Back Button MT40A2G4 Datasheet HTML 67Page - Micron Technology MT40A2G4 Datasheet HTML 68Page - Micron Technology MT40A2G4 Datasheet HTML 69Page - Micron Technology MT40A2G4 Datasheet HTML 70Page - Micron Technology MT40A2G4 Datasheet HTML 71Page - Micron Technology MT40A2G4 Datasheet HTML 72Page - Micron Technology MT40A2G4 Datasheet HTML 73Page - Micron Technology MT40A2G4 Datasheet HTML 74Page - Micron Technology MT40A2G4 Datasheet HTML 75Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 373 page
background image
18. Idle state is defined as all banks are closed (tRP, tDAL, and so on, satisfied), no data
bursts are in progress, CKE is HIGH, and all timings from previous operations are satis-
fied (tMRD, tMOD, tRFC, tZQinit, tZQoper, tZQCS, and so on), as well as all self refresh ex-
it and power-down exit parameters are satisfied (tXS, tXP, tXSDLL, and so on).
19. Self refresh mode can be entered only from the all banks idle state.
20. For more details about all signals, see the Truth Table – Command table; must be a legal
command as defined in the table.
NOP Command
The NO OPERATION (NOP) command was originally used to instruct the selected
DDR4 SDRAM to perform a NOP (CS_n = LOW and ACT_n, RAS_n/A16, CAS_n/A15, and
WE_n/A14 = HIGH). This prevented unwanted commands from being registered during
idle or wait states. NOP command general support has been removed and the com-
mand should not be used unless specifically allowed, which is when exiting maximum
power-saving mode or when entering gear-down mode.
DESELECT Command
The deselect function (CS_n HIGH) prevents new commands from being executed;
therefore, with this command, the device is effectively deselected. Operations already in
progress are not affected.
DLL-Off Mode
DLL-off mode is entered by setting MR1 bit A0 to 0, which will disable the DLL for sub-
sequent operations until the A0 bit is set back to 1. The MR1 A0 bit for DLL control can
be switched either during initialization or during self refresh mode. Refer to the Input
Clock Frequency Change section for more details.
The maximum clock frequency for DLL-off mode is specified by the parameter
tCKDLL_OFF. There is no minimum frequency limit besides the need to satisfy the re-
fresh interval, tREFI.
Due to latency counter and timing restrictions, only one CL value and CWL value (in
MR0 and MR2 respectively) are supported. The DLL-off mode is only required to sup-
port setting both CL = 10 and CWL = 9.
DLL-off mode will affect the read data clock-to-data strobe relationship (tDQSCK), but
not the data strobe-to-data relationship (tDQSQ, tQH). Special attention is needed to
line up read data to the controller time domain.
Compared with DLL-on mode, where tDQSCK starts from the rising clock edge (AL +
CL) cycles after the READ command, the DLL-off mode tDQSCK starts (AL + CL - 1) cy-
cles after the READ command. Another difference is that tDQSCK may not be small
compared to tCK (it might even be larger than tCK), and the difference between tDQSCK
(MIN) and tDQSCK (MAX) is significantly larger than in DLL-on mode. The tDQSCK
(DLL-off ) values are vendor-specific.
The timing relations on DLL-off mode READ operation are shown in the following dia-
gram, where CL = 10, AL = 0, and BL = 8.
8Gb: x4, x8, x16 DDR4 SDRAM
NOP Command
09005aef861d1d4a
8gb_ddr4_dram.pdf - Rev. G 1/17 EN
71
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2015 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT40A2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A2G4TRF-093E MICRON-MT40A2G4TRF-093E Datasheet
359Kb / 13P
   TwinDie 1.2V DDR4 SDRAM
More results

Similar Description - MT40A2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M16HA-083EIT MICRON-MT40A512M16HA-083EIT Datasheet
11Mb / 373P
   Programmable data strobe preambles
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com