Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C104K4RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C104K4RACTU
Description  Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C104K4RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C104K4RACTU_17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 6e0aeb43-661e-4ea7-a00f-0388acbff32f
KEMET Part Number: C0603C104K4RACTU
(C0603C104K4RAC7867)
Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.15mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 3.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 5 GOhms
Dielectric Strength: 40 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C104K4RACTU_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C104K4RACTU KEMET-C0603C104K4RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results

Similar Description - C0603C104K4RACTU_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C104K4RALTU KEMET-C0603C104K4RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K4RAC7081 KEMET-C0603C104K4RAC7081 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104J4RACTU KEMET-C0603C104J4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 5%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104M4RACTU KEMET-C0603C104M4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 20%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K5RALTU KEMET-C0603C104K5RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K3RALTU KEMET-C0603C104K3RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K5RACTU KEMET-C0603C104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K3RACTU KEMET-C0603C104K3RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K5RAC7081 KEMET-C0603C104K5RAC7081 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C104K4RALTU KEMET-C0402C104K4RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com