Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV2512FK-079M76L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RV2512FK-079M76L
Description  HIGH VOLTAGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RV2512FK-079M76L Datasheet(HTML) 9 Page - YAGEO Corporation

  RV2512FK-079M76L Datasheet HTML 1Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 2Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 3Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 4Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 5Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 6Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 7Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 8Page - YAGEO Corporation RV2512FK-079M76L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
Product specification
9
9
SERIES
RV
0603/0805/1206/2010/2512 (RoHS Compliant)
www.yageo.com
Dec. 05, 2016 V.6
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 6
Dec. 01, 2016
-
- Extend resistor value of RV1206 0.5%
Version 5
Aug. 27, 2015
-
- Extend resistor range and add 0.5%
Version 4
Jan. 27, 2014
-
- RV0603 resistance range extend to 10MΩ
- Add RV2010
Version 3
Aug. 26, 2013
-
- Add RV0603
Version 2
Sep 29, 2011
-
- Type error correction
Version 1
Nov 19, 2008
-
- Change to dual brand datasheet that describes RV0805/1206/2512 with
RoHS compliant
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 0
Feb 14, 2006
-
- New datasheet for high voltage chip resistors sizes of 0805/1206/2512,
5%, 1% tolerance with lead-free terminations
- Replace the 0805/1206/2512 parts of pdf files:
VRC01_02_11_12_51_3.pdf, VPRC221_5_3.pdf, and combine into a
document.
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)


Similar Part No. - RV2512FK-079M76L

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
RV2 YSTONE-RV2 Datasheet
1,013Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
logo
Altera Corporation
RV2-16V100MB55U ALTERA-RV2-16V100MB55U Datasheet
96Kb / 1P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-16V100MU-R ALTERA-RV2-16V100MU-R Datasheet
72Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-25V4R7MB55U-R ALTERA-RV2-25V4R7MB55U-R Datasheet
72Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-50V100MU-R ALTERA-RV2-50V100MU-R Datasheet
72Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - RV2512FK-079M76L

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com