Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUD3A50PZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLUD3A50PZ
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUD3A50PZ Datasheet(HTML) 3 Page - ON Semiconductor

  NTLUD3A50PZ_14 Datasheet HTML 1Page - ON Semiconductor NTLUD3A50PZ_14 Datasheet HTML 2Page - ON Semiconductor NTLUD3A50PZ_14 Datasheet HTML 3Page - ON Semiconductor NTLUD3A50PZ_14 Datasheet HTML 4Page - ON Semiconductor NTLUD3A50PZ_14 Datasheet HTML 5Page - ON Semiconductor NTLUD3A50PZ_14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLUD3A50PZ
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−VGS, GATE VOLTAGE (V)
−ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = −2.5 V
−3.0 V
−4.5 to −3.5 V
−1.5 V
VDS = −5 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
ID = −4.0 A
TJ = 25°C
TJ = 25°C
−1.8 V
−2.5 V
VGS = −4.5 V
VGS = −4.5 V
ID = −4.0 A
TJ = 85°C
TJ = 125°C
100
1000
10000
100000
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
−1.8 V
−2 V
0
2
4
6
8
10
12
14
16
18
20
0.5
1
1.5
2
2.5
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
2
4
6
8
10
12
14
16
18
−1.5 V
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
−50
−25
0
25
50
75
100
125
150
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
20


Similar Part No. - NTLUD3A50PZ_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUD3A50PZTAG ONSEMI-NTLUD3A50PZTAG Datasheet
133Kb / 6P
   ??0 V, ??.6 A, Cool Dual P?묬hannel, 2.0x2.0x0.55 mm UDFN Package
August, 2012 ??Rev. 1
NTLUD3A50PZTBG ONSEMI-NTLUD3A50PZTBG Datasheet
133Kb / 6P
   ??0 V, ??.6 A, Cool Dual P?묬hannel, 2.0x2.0x0.55 mm UDFN Package
August, 2012 ??Rev. 1
More results

Similar Description - NTLUD3A50PZ_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com