Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV1206DK-079M76L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RV1206DK-079M76L
Description  HIGH VOLTAGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RV1206DK-079M76L Datasheet(HTML) 2 Page - YAGEO Corporation

  RV1206DK-079M76L Datasheet HTML 1Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 2Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 3Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 4Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 5Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 6Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 7Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 8Page - YAGEO Corporation RV1206DK-079M76L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
Product specification
2
9
SERIES
RV
0603/0805/1206/2010/2512 (RoHS Compliant)
www.yageo.com
Dec. 05, 2016 V.6
ji3
Y
YA
AG
GEEO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
RV XXXX X X X XX XXXX L
(1)
(2) (3) (4) (5)
(6)
(7)
(1) SIZE
0603/0805/1206/2010/2512
(2) TOLERANCE
D = ± 0.5%
F = ± 1%
J = ± 5%
(3) PACKAGING TYPE
R = Paper/PE taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07= 7 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(7) DEFAULT CODE
Letter L is system default code for ordering only (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RV0603/0805/1206/2010/2512
high voltage chip resistors with
lead-free terminations made by
thick film process.
APPLICATIONS
Converter
Printer equipment
Battery charger
Computer
Power supply
FEATURES
RoHS compliant
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Non-forbidden materials used in
products/production
Halogen Free Epoxy
Moisture sensitivity level: MSL 1
ORDERING EXAMPLE
The ordering code of a RV1206
chip resistor, value 1 MΩ with
±5% tolerance, supplied in 7-inch
tape reel is: RV1206JR-071ML.
NOTE
1. All our R-Chip products meet RoHS
compliant. "LFP" of the internal 2D reel
label mentions "Lead Free Process"
2. On customized label, "LFP" or specific
symbol printed and the optional "L" at
the end of GLOBAL PART NUMBER /
12NC can be added (both are on
customer request)
Resistance rule of global part
number
Resistance code rule
Example
XXKX
(10 to 97.6 KΩ)
10K = 10,000 Ω
97K6 = 97,600 Ω
XXXK
(100 to 976 KΩ)
100K = 10,000Ω
976K = 976,000Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76 = 9,760,000 Ω
XXMX
(10 to 16 MΩ)
10M = 10,000,000 Ω
27M = 27,000,000 Ω


Similar Part No. - RV1206DK-079M76L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RV1206FR-071ML INFINEON-RV1206FR-071ML Datasheet
1Mb / 28P
   iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
RV1206FR-071ML INFINEON-RV1206FR-071ML Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
RV1206JR-0715ML INFINEON-RV1206JR-0715ML Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

Similar Description - RV1206DK-079M76L

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com