Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V245L15PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V245L15PF
Description  3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V245L15PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V245L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V245L15PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
Figure 2. Writing to Offset Registers
LD
WEN
WCLK
Selection
0
0
Writingtooffsetregisters:
Empty Offset
FullOffset
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation
Figure 3. Offset Register Location and Default Values
SIGNAL DESCRIPTIONS:
INPUTS:
DATA IN (D0 - D17)
Data inputs for 18-bit wide data.
CONTROLS:
RESET (
RS)
Reset is accomplished whenever the Reset (
RS) input is taken to a LOW
state. During reset, both internal read and write pointers are set to the first
location. A reset is required after power-up before a write operation can take
place. The Half-Full Flag (
HF)andProgrammableAlmost-FullFlag(PAF)will
be reset to HIGH after tRSF. The Programmable Almost-Empty Flag (
PAE)will
be reset to LOW after tRSF. The Full Flag (
FF) will reset to HIGH. The Empty
Flag(
EF)willresettoLOWinIDTStandardmodebutwillresettoHIGHinFWFT
mode. During reset, the output register is initialized to all zeros and the offset
registers are initialized to their default values.
WRITE CLOCK (WCLK)
A write cycle is initiated on the LOW-to-HIGH transition of the Write Clock
(WCLK).DatasetupandholdtimesmustbemetwithrespecttotheLOW-to-HIGH
transitionofWCLK.
The Write and Read Clocks can be asynchronous or coincident.
WRITE ENABLE (
WEN)
When the
WENinput isLOW,datamaybeloadedintotheFIFORAMarray
on the rising edge of every WCLK cycle if the device is not full. Data is stored
in the RAM array sequentially and independently of any ongoing read
operation.
When
WENisHIGH,nonewdataiswrittenintheRAMarrayoneachWCLK
cycle.
To prevent data overflow in the IDT Standard Mode,
FF will go LOW,
inhibiting further write operations. Upon the completion of a valid read cycle,
FF will go HIGH allowing a write to occur. TheFF flag is updated on the rising
edge of WCLK.
To prevent data overflow in the FWFT mode,
IR will go HIGH, inhibiting
further write operations. Upon the completion of a valid read cycle,
IR will go
LOWallowingawritetooccur. The
IRflagisupdatedontherisingedgeofWCLK.
WENisignoredwhentheFIFOisfullineitherFWFTorIDTStandardmode.
READ CLOCK (RCLK)
DatacanbereadontheoutputsontheLOW-to-HIGHtransitionoftheRead
Clock (RCLK), when Output Enable (
OE) is set LOW.
The Write and Read Clocks can be asynchronous or coincident.
READ ENABLE (
REN)
WhenReadEnableisLOW,dataisloadedfromtheRAMarrayintotheoutput
register on the rising edge of every RCLK cycle if the device is not empty.
Whenthe
RENinputisHIGH,theoutputregisterholdsthepreviousdataand
nonewdataisloadedintotheoutputregister. ThedataoutputsQ0-Qnmaintain
the previous data value.
In the IDT Standard mode, every word accessed at Qn, including the first
word written to an empty FIFO, must be requested using
REN. When the last
word has been read from the FIFO, the Empty Flag (
EF)willgoLOW,inhibiting
further read operations.
RENisignoredwhentheFIFOisempty. Onceawrite
is performed,
EFwillgoHIGHallowingareadtooccur. The EFflagisupdated
on the rising edge of RCLK.
IntheFWFTmode,thefirstwordwrittentoanemptyFIFOautomaticallygoes
to the outputs Qn, on the third valid LOW to HIGH transition of RCLK + tSKEW
after the first write.
RENdoesnotneedtobeassertedLOW. Inordertoaccess
all other words, a read must be executed using
REN. TheRCLKLOWtoHIGH
transition after the last word has been read from the FIFO, Output Ready (
OR)
will go HIGH with a true read (RCLK with
REN=LOW),inhibitingfurtherread
operations.
REN is ignored when the FIFO is empty.
OUTPUT ENABLE (
OE)
When Output Enable (
OE) is enabled (LOW), the parallel output buffers
receivedatafromtheoutputregister.When
OEisdisabled(HIGH),theQoutput
data bus is in a high-impedance state.
LOAD (
LD)
The IDT72V205/72V215/72V225/72V235/72V245 devices contain two
12-bit offset registers with data on the inputs, or read on the outputs. When the
Load (
LD) pin is set LOW and WEN is set LOW, data on the inputs D0-D11 is
writtenintotheEmptyOffsetregisteronthefirstLOW-to-HIGHtransitionofthe
Write Clock (WCLK). When the
LD pin and WEN are held LOW then data is
written into the Full Offset register on the second LOW-to-HIGH transition of
WCLK. The third transition of WCLK again writes to the Empty Offset register.
However,writingalloffsetregistersdoesnothavetooccuratonetime.One
or two offset registers can be written and then by bringing the
LDpinHIGH,the
FIFO is returned to normal read/write operation. When the
LDpinissetLOW,
and
WEN is LOW, the next offset register in sequence is written.
EMPTY OFFSET REGISTER
17
11
0
001FH (72V205) 003FH (72V215):
007FH (72V225/72V235/72V245)
FULL OFFSET REGISTER
17
11
0
DEFAULT VALUE
DEFAULT VALUE
001FH (72V205) 003FH (72V215):
007FH (72V225/72V235/72V245)
4294 drw 04
NOTE:
1. Any bits of the offset register not being programmed should be set to zero.
NOTE:
1. The same selection sequence applies to reading from the registers.
REN is enabled and
read is performed on the LOW-to-HIGH transition of RCLK.


Similar Part No. - IDT72V245L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V245 IDT-IDT72V245 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V245 RENESAS-IDT72V245 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - IDT72V245L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com