Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV0805DR-071ML Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RV0805DR-071ML
Description  HIGH VOLTAGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RV0805DR-071ML Datasheet(HTML) 3 Page - YAGEO Corporation

  RV0805DR-071ML Datasheet HTML 1Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 2Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 3Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 4Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 5Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 6Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 7Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 8Page - YAGEO Corporation RV0805DR-071ML Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
Product specification
3
9
SERIES
RV
0603/0805/1206/2010/2512 (RoHS Compliant)
www.yageo.com
Dec. 05, 2016 V.6
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D oorrddeerriinngg ccooddeess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
(1) The resistors have a 12-digit ordering code starting with 2322.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a VRC01 resistor, value 1 MΩ with ± 5% tolerance,
supplied in tape of 5,000 units per reel is: 232279061105L or
RV1206JR-071ML.
NOTE
1. All our R-Chip products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART
NUMBER / 12NC can be added (both are on customer request)
12NC CODE
2322
XXX XXXXX L
(1)
(2)
(3)
(4)
SIZE TYPE
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
EMBOSSED (2)
TAPE ON REEL
PAPER/PE (2)
TAPE ON REEL (units)
4,000
5,000
0805 VRC11
2322 ± 5% 47 to 10M Ω
-
792 61xxx
VRC12
2322 ± 1% 47 to 10M Ω
-
793 6xxxx
1206 VRC01
2322 ± 5% 47 to 27M Ω
-
790 61xxx
VRC02
2322 ± 1% 47 to 10M Ω
-
791 6xxxx
2512 VPRC221 2322 ± 5% 47 to 16M Ω
762 98xxx
-
Resistance decade (3)
Last digit
0.01 to 0.0976
Ω
0
0.1 to 0.976
Ω
7
1 to 9.76
Ω
8
10 to 97.6
Ω
9
100 to 976
Ω
1
1 to 9.76 K
Ω
2
10 to 97.6 K
Ω
3
100 to 976 K
Ω
4
1 to 9.76 M
Ω
5
10 to 97.6 M
Ω
6
Example:
0.02
Ω =
0200 or 200
0.3
Ω
=
3007 or 307
1
Ω
=
1008 or 108
33 K
Ω =
3303 or 333
10 M
Ω =
1006 or 106
Last digit of 12NC


Similar Part No. - RV0805DR-071ML

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RV0003F SSDI-RV0003F Datasheet
165Kb / 2P
   RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0005F SSDI-RV0005F Datasheet
32Kb / 2P
   RECTIFIER
RV0005F SSDI-RV0005F_15 Datasheet
32Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0007B SSDI-RV0007B Datasheet
83Kb / 2P
   RECTIFIER
More results

Similar Description - RV0805DR-071ML

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com