Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMD6P02R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMD6P02R2G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMD6P02R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NVMD6P02R2G Datasheet HTML 1Page - ON Semiconductor NVMD6P02R2G Datasheet HTML 2Page - ON Semiconductor NVMD6P02R2G Datasheet HTML 3Page - ON Semiconductor NVMD6P02R2G Datasheet HTML 4Page - ON Semiconductor NVMD6P02R2G Datasheet HTML 5Page - ON Semiconductor NVMD6P02R2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMD6P02, NVMD6P02
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)*
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = −250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
−20
−11.6
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = −20 Vdc, VGS = 0 Vdc, TJ = 25°C)
(VDS = −20 Vdc, VGS = 0 Vdc, TJ = 70°C)
IDSS
−1.0
−5.0
mAdc
Gate−Body Leakage Current
(VGS = −12 Vdc, VDS = 0 Vdc)
IGSS
−100
nAdc
Gate−Body Leakage Current
(VGS = +12 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = −250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
−0.6
−0.88
2.6
−1.20
Vdc
mV/
°C
Static Drain−to−Source On−State Resistance
(VGS = −4.5 Vdc, ID = −6.2 Adc)
(VGS = −2.5 Vdc, ID = −5.0 Adc)
(VGS = −2.5 Vdc, ID = −3.1 Adc)
RDS(on)
0.027
0.038
0.038
0.033
0.050
W
Forward Transconductance (VDS = −10 Vdc, ID = −6.2 Adc)
gFS
15
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = −16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1380
1700
pF
Output Capacitance
Coss
515
775
Reverse Transfer Capacitance
Crss
250
450
SWITCHING CHARACTERISTICS (Notes 5 and 6)
Turn−On Delay Time
(VDD = −10 Vdc, ID = −1.0 Adc,
VGS = −10 Vdc,
RG = 6.0 W)
td(on)
15
25
ns
Rise Time
tr
20
50
Turn−Off Delay Time
td(off)
85
125
Fall Time
tf
50
110
Turn−On Delay Time
(VDD = −16 Vdc, ID = −6.2 Adc,
VGS = −4.5 Vdc,
RG = 6.0 W)
td(on)
17
ns
Rise Time
tr
65
Turn−Off Delay Time
td(off)
50
Fall Time
tf
80
Total Gate Charge
(VDS = −16 Vdc,
VGS = −4.5 Vdc,
ID = −6.2 Adc)
Qtot
20
35
nC
Gate−Source Charge
Qgs
4.0
Gate−Drain Charge
Qgd
8.0
BODY−DRAIN DIODE RATINGS (Note 5)
Diode Forward On−Voltage
(IS = −1.7 Adc, VGS = 0 Vdc)
(IS = −1.7 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−0.80
−0.65
−1.2
Vdc
Diode Forward On−Voltage
(IS = −6.2 Adc, VGS = 0 Vdc)
(IS = −6.2 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−0.95
−0.80
Vdc
Reverse Recovery Time
(IS = −1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
50
80
ns
ta
20
tr
30
Reverse Recovery Stored Charge
QRR
0.04
mC
5. Indicates Pulse Test: Pulse Width = 300
ms max, Duty Cycle = 2%.
6. Switching characteristics are independent of operating junction temperature.
*Handling precautions to protect against electrostatic discharge are mandatory.


Similar Part No. - NVMD6P02R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMD6P02R2G ONSEMI-NVMD6P02R2G Datasheet
124Kb / 6P
   Power MOSFET 6 A, 20 V, P?묬hannel SOIC??, Dual
December, 2012 ??Rev. 4
More results

Similar Description - NVMD6P02R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com