Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS4A210 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTQS4A210
Description  QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS4A210 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTQS4A210 Datasheet HTML 1Page - Integrated Device Technology IDTQS4A210 Datasheet HTML 2Page - Integrated Device Technology IDTQS4A210 Datasheet HTML 3Page - Integrated Device Technology IDTQS4A210 Datasheet HTML 4Page - Integrated Device Technology IDTQS4A210 Datasheet HTML 5Page - Integrated Device Technology IDTQS4A210 Datasheet HTML 6Page - Integrated Device Technology IDTQS4A210 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDTQS4A210
HIGH-PERFORMANCECMOSTWO-CHANNELSP4TMUX/DEMUX
INDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5V ± 5%
Symbol
Parameter
Test Conditions
Min.
Typ.(1) Max.
Unit
Analog Switch
VIN
AnalogSignalRange(2)
–0.5
1
Vcc - 1
V
rDS(ON)
Drain-sourceONresistance(2,3)
Vcc = Min., VIN = 0V
, ION = 30mA
5
7
Vcc = Min., VIN = 2.4V
, ION = 15mA
13
17
IC(OFF)
ChannelOffLeakageCurrent
IN = Vcc or 0V; YN = 0V or Vcc; EA = EB = Vcc
2
nA
IC(ON)
Channel On Leakage Current
IN = YN = 0V
2
nA
(each channel is turned on sequentially)
Digital Control
VIH
Input HIGH Voltage
Guaranteed Logic HIGH for Control Pins
2
V
VIL
Input LOW Voltage
Guaranteed Logic LOW for Control Pins
0.8
V
DynamicCharacteristics
tTRANS
Switching Time of Mux
RL = 1K
Ω, CL = 100pF
0.5
6.6
ns
Sx to Y
(SeeTransitionTime)
tON(EN)
EnableTurn-OnTime
RL = 1K
Ω, CL = 100pF
0.5
6
ns
EA = EB to Y
(See Switching Time)
tOFF(EN)
EnableTurn-OffTime
RL = 1K
Ω, CL = 100pF
0.5
6
ns
EA = EB to Y
(See Switching Time)
tPD
GroupDelay(2,4)
RL = 1K
Ω, CL = 100pF
250
ps
f3dB
-3dB Bandwidth
VIN = 1Vp-p, RL = 75
700
MHz
Off-isolation
VIN = 1Vp-p, RL = 75
Ω, f = 5.5MHz
-60
dB
XTALK
Crosstalk
VIN = 1Vp-p, RL = 75
Ω, f = 5.5MHz
-68
dB
CMUX(OFF)
Mux Off Capacitance
EA = EB = Vcc, VIN = VOUT = 0V
5.6
pF
CDEMUX(OFF)
Demux Off Capacitance
EA = EB = Vcc, VIN = VOUT = 0V
7.4
pF
CMUX(ON)
Mux On Capacitance
EA = EB = 0V, VIN = VOUT = 0V
12
pF
CDEMUX(ON)
Demux On Capacitance
EA = EB = 0V, VIN = VOUT = 0V
15
pF
QCI
ChargeInjection
1.5
pC
NOTES:
1. Typical values are at VCC = 5.0V, TA = 25°C.
2. Max value is guaranteed but not production tested.
3. Measured by voltage drop between A and C pins or B and D pins at indicated current through the switch. ON resistance is determined by the lower of the voltages on the
two (I, Y) pins.
4. The bus switch contributes no group delay other than the RC delay of the ON resistance of the switch and load capacitance. Group delay of the bus switch, when used
in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
Max.
Unit
ICCQ
QuiescentPower
VCC = Max., VIN = GND or VCC, f = 0
3
µA


Similar Part No. - IDTQS4A210

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210 Datasheet
265Kb / 7P
   HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210_14 Datasheet
265Kb / 7P
   HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
More results

Similar Description - IDTQS4A210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A215 IDT-IDTQS4A215 Datasheet
86Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A215 RENESAS-IDTQS4A215 Datasheet
283Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
JULY 2015
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210_14 Datasheet
265Kb / 7P
   HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A205 RENESAS-IDTQS4A205 Datasheet
430Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A215 IDT-IDTQS4A215_15 Datasheet
127Kb / 7P
   HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
IDTQS33X257 IDT-IDTQS33X257 Datasheet
51Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
QS33X257Q1G IDT-QS33X257Q1G Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
IDTQS3251 IDT-IDTQS3251 Datasheet
46Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
IDTQS316233 IDT-IDTQS316233 Datasheet
48Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com