Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN5250 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN5250
Description  Mallory Fuel Series 250 Electric Fuel Pump
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN5250 Datasheet(HTML) 5 Page - Mallory performance club

  PN5250 Datasheet HTML 1Page - Mallory performance club PN5250 Datasheet HTML 2Page - Mallory performance club PN5250 Datasheet HTML 3Page - Mallory performance club PN5250 Datasheet HTML 4Page - Mallory performance club PN5250 Datasheet HTML 5Page - Mallory performance club PN5250 Datasheet HTML 6Page - Mallory performance club PN5250 Datasheet HTML 7Page - Mallory performance club PN5250 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INSTALLATION INSTRUCTIONS
5
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
1. JAM NUT
2. ADJUSTING SCREW
*3. PRESSURE ADJUSTMENT SPRING
*4. CAP SCREW (4)
5. REGULATOR CAP
*6. GASOLINE DIAPHRAGM ALCOHOL/
METHANOL DIAPHRAGM
*7. FUEL CHAMBER SCREW
*8. DAMPER SPRING
9. FUEL CHAMBER
*10. FUEL CHAMBER GASKET
11. PORT PLATE
12. GEROTOR
*13. GEROTOR BUSHING KEY
*14. GEROTOR BUSHING
*15. O-RING
16. GEROTOR HOUSING
*17. SEAL
*18. BRACKET VIBRATION GASKET
19. BRACKET
20. MOTOR HOUSING NUT (2)
21. MOTOR ADAPTER
22. SPRING WASHER
23. MOTOR ADAPTER SCREW (2)
24. MOTOR
* These parts ae included in seal/diaphragm
kits:
PN 3171 (gasoline)
PN 3172 (alcohol)
IMPORTANT: Turn fuel chamber screws by
hand until they contact the chamber. Then
torque to 24 in./lb.
FIGURE 6
18
19
20
21
22
23
24
9
10
11
14
15
16
17
12
13
1
2
3
4
5
6
7
8


Similar Part No. - PN5250

ManufacturerPart #DatasheetDescription
logo
Micross Components
PN5018 MICROSS-PN5018 Datasheet
302Kb / 1P
   Linear Systems replaces discontinued Siliconix PN5018
PN5018_TO-92 MICROSS-PN5018_TO-92 Datasheet
302Kb / 1P
   a single P-Channel JFET switch
PN5019 MICROSS-PN5019 Datasheet
302Kb / 1P
   Linear Systems replaces discontinued Siliconix PN5019
PN5019_TO-92 MICROSS-PN5019_TO-92 Datasheet
302Kb / 1P
   a single P-Channel JFET switch
logo
PREMO CORPORATION S.L
PN5022 PREMO-PN5022 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
More results

Similar Description - PN5250

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN22256 MALLORY-PN22256 Datasheet
310Kb / 8P
   Mallory Fuel Series 70 Electric Fuel Pump
4070 MALLORY-4070 Datasheet
260Kb / 4P
   ELECTRIC FUEL PUMP
4060FI MALLORY-4060FI Datasheet
144Kb / 4P
   ELECTRIC FUEL PUMP
5160FI MALLORY-5160FI Datasheet
173Kb / 4P
   ELECTRIC FUEL PUMP
5250 MALLORY-5250 Datasheet
131Kb / 4P
   ELECTRIC FUEL PUMP
PN29249 MALLORY-PN29249 Datasheet
79Kb / 2P
   Mallory Fuel Filter Series 160
PN29238B MALLORY-PN29238B Datasheet
79Kb / 2P
   Mallory Fuel Filter Series 160
PN29248 MALLORY-PN29248 Datasheet
79Kb / 2P
   Mallory Fuel Filter짰 Series 500
PN3146A MALLORY-PN3146A Datasheet
228Kb / 4P
   Mallory Fuel Replacement Brush Kit
110_140 MALLORY-110_140 Datasheet
294Kb / 4P
   ELECTRIC FUEL PUMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com