Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT821054 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT821054
Description  QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT821054 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT821054 Datasheet HTML 9Page - Integrated Device Technology IDT821054 Datasheet HTML 10Page - Integrated Device Technology IDT821054 Datasheet HTML 11Page - Integrated Device Technology IDT821054 Datasheet HTML 12Page - Integrated Device Technology IDT821054 Datasheet HTML 13Page - Integrated Device Technology IDT821054 Datasheet HTML 14Page - Integrated Device Technology IDT821054 Datasheet HTML 15Page - Integrated Device Technology IDT821054 Datasheet HTML 16Page - Integrated Device Technology IDT821054 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
13
IDT821054 QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
INDUSTRIAL TEMPERATURE RANGE
channels’ SI1 and SI2 status changes can be cleared by applying a read
operation to GREG9. If SB1, SB2 and SB3 pins are configured as
inputs, a read operation to GREG10, GREG11 and GREG12 clears the
interrupt generated by the corresponding SB port of all four channels. A
read operation to LREG4 clears all 7 interrupt sources of the specified
channel.
2.6
DEBOUNCE FILTERS
For each channel, the IDT821054 provides two debounce filter
circuits: Debounced Switch Hook (DSH) Filter for the SI1 signal and
Ground Key (GK) Filter for the SI2 signal. See Figure - 5 for details. The
two debounce filters are used to buffer the input signals on SI1 and SI2
pins before changing the state of the SLIC Debounced Input SI1/SI2
Register (GREG9). The Frame Sync (FS) signal is necessary for both
DSH and GK filters.
The DSH[3:0] bits in LREG3 are used to program the debounce
period of the SI1 input of the corresponding channel. The DSH filter is
initially clocked at half of the frame sync rate (250 µs). Any data
changing at this sample rate resets a counter that clocks at the rate of 2
ms. The value of the counter is programmable from 0 to 30 via LREG3.
The debounced SI1 signals of Channel 4 to 1 are written to the SIA[3:0]
bits in GREG9. The corresponding SIA bit will not be updated until the
value of the counter is reached. The SI1 pin usually contains the SLIC
switch hook status.
The GK[3:0] bits in LREG3 are used to program the debounce
interval of the SI2 input of the corresponding channel. The debounced
SI2 signals of Channel 4 to 1 are written to the SIB[3:0] bits in GREG9.
The GK debounce filter consists of a six-state up/down counter that
ranges between 0 and 6. This counter is clocked by the GK timer at the
sampling period of 0-30 ms, which is programmed via LREG3. If the
sampled value is low, the value of the counter will be decremented by
each clock pulse. If the sampled value is high, the value of the counter is
incremented by each clock pulse. When the value increases to 6, it sets
a latch whose output is routed to the corresponding SIB bit. If the value
decreases to 0, the latch will be cleared and the output bit will be set to
0. In other cases, the latch and the SIB status remain in their previous
state without being changed. In this way, at least six consecutive GK
clocks with the debounce input remaining at the same state can effect
an output change.
Figure - 5 Debounce Filter
2.7
CHOPPER CLOCK
The IDT821054 provides two programmable chopper clock outputs
CHCLK1 and CHCLK2. They can be used to drive the power supply
switching regulators on SLICs. The two chopper clocks are synchronous
to MCLK. The CHCLK1 outputs a signal which clock cycle is
programmable from 2 to 28 ms. The CHCLK2 outputs a signal which
frequency can be 256 kHz, 512 kHz or 16.384 MHz. The frequencies of
the two chopper clocks are programmed by global register GREG5.
2.8
DUAL TONE AND RING GENERATION
The IDT821054 provides two tone generators (tone generator 0 and
tone generator 1) for each channel. They can produce signals such as
test tone, DTMF, dial tone, busy tone, congestion tone and Caller-ID
Alerting Tone, and output it to the VOUT pin.
The dual tone generators of each channel can be enabled by setting
the TEN0 and TEN1 bits in LREG10 to ‘1’respectively.
The frequency and amplitude of the tone signal are programmed by
the Coe-RAM. The frequency and amplitude coefficients are calculated
by the following formulas:
Frequency coefficient = 32767
∗ cos(f / 8000 ∗ 2 ∗ π)
Amplitude coefficient = A
∗ 32767 ∗ sin(f / 8000 ∗ 2 ∗ π)
Herein, 'f' is the desired frequency of the tone signal, 'A' is the scaling
parameter of the amplitude. The range of 'A' is from 0 to 1.
A = 1, corresponds to the maximum amplitude of 1.57 V.
A = 0, corresponds to the minimum amplitude of 0 V.
It is a linear relationship between 'A' and the amplitude. That is, if
A=
β ( 0<β<1), the amplitude will be 1.57 ∗ β (V).
The frequency range is from 25 Hz to 3400 Hz. The frequency
tolerances are as the following:
25 Hz < f < 40 Hz, tolerance <
±12%
DQ
DQ
DQ
DQ
E
DQ
DSH[3:0]
Debounce
Period
(0-30 ms)
DQ
GK[3:0]
Debounce
Interval
(0-30 ms)
up/
down
Q
6 states
Up/down
Counter
7 bit Debounce
Counter
7 bit Debounce
Counter
= 0
≠ 0
GK
SIB
SIA
SI1
4 kHz
SI2
RST
FS/2


Similar Part No. - IDT821054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT821054 ETC-IDT821054 Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
Integrated Device Techn...
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821054APF IDT-IDT821054APF Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results

Similar Description - IDT821054

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com