Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV2512DR-07100KL Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RV2512DR-07100KL
Description  HIGH VOLTAGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RV2512DR-07100KL Datasheet(HTML) 7 Page - YAGEO Corporation

  RV2512DR-07100KL Datasheet HTML 1Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 2Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 3Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 4Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 5Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 6Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 7Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 8Page - YAGEO Corporation RV2512DR-07100KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
Product specification
7
9
SERIES
RV
0603/0805/1206/2010/2512 (RoHS Compliant)
www.yageo.com
Dec. 05, 2016 V.6
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Life/
Operational Life/
Endurance
MIL-STD-202G-method 108A
IEC 60115-1 4.25.1
JIS C 5202-7.10
1,000 hours at 70± 5 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
± (2%+0.05 Ω)
High
Temperature
Exposure/
Endurance at
upper category
temperature
MIL-STD-202G-method 108A
IEC 60115-1 4.25.3
JIS C 5202-7.11
1,000 hours at maximum operating temperature
depending on specification, unpowered
No direct impingement of forced air to the parts
Tolerances: 155± 3 °C
± (1%+0.05 Ω)
Moisture
Resistance
MIL-STD-202G-method 106F
IEC 60115-1 4.24.2
Each temperature / humidity cycle is defined at 8
hours (method 106F), 3 cycles / 24 hours for 10d
with 25 °C / 65 °C 95% R.H, without steps 7a &
7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24± 2 hours after
test conclusion
± (2%+0.05 Ω)
Thermal Shock
MIL-STD-202G-method 107G
-55/+125 °C
Note: Number of cycles required is 300.
Maximum transfer time is 20 seconds. Dwell time
is 15 minutes. Air – Air
± (0.5%+0.05 Ω) for 10 KΩ to
10 MΩ
± (1%+0.05 Ω) for others
Short time
overload
MIL-R-55342D-para 4.7.5
IEC60115-1 4.13
2.5 times RCWV or maximum overload voltage
whichever is less for 5 sec at room temperature
± (2%+0.05 Ω)
No visible damage
Board Flex/
Bending
IEC60115-1 4.33
Device mounted on PCB test board as described,
only 1 board bending required
Bending for 0603 & 0805: 3mm
1206 & above: 2mm
Holding time: minimum 60 seconds
Ohmic value checked during bending
± (1%+0.05 Ω)
No visible damage
Humidity
IEC 60115-1 4.24.8
Steady state for 1,000 hours at 40℃ / 95% R.H.
RCWV applied for 1.5 hours on and 0.5 hour off
± (3.0%+0.05Ω )
Table 4 Test condition, procedure and requirements


Similar Part No. - RV2512DR-07100KL

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
RV2 YSTONE-RV2 Datasheet
1,013Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
logo
Altera Corporation
RV2-16V100MB55U ALTERA-RV2-16V100MB55U Datasheet
96Kb / 1P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-16V100MU-R ALTERA-RV2-16V100MU-R Datasheet
72Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-25V4R7MB55U-R ALTERA-RV2-25V4R7MB55U-R Datasheet
72Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-50V100MU-R ALTERA-RV2-50V100MU-R Datasheet
72Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - RV2512DR-07100KL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com