Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVCH2244APG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74LVCH2244APG
Description  3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH2244APG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74LVCH2244APG Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC2244A
3.3VCMOSOCTALBUFFER/DRIVERWITH3-STATEOUTPUTS
5
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500
500
CL
RT
VIN
VOUT
(1, 2)
LVC Link
INPUT
VIH
0V
VOH
VOL
tPLH1
tSK (x)
OUTPUT 1
OUTPUT 2
tPHL1
tSK (x)
tPLH2
tPHL2
VT
VT
VOH
VT
VOL
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
LVC Link
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
LVC Link
DATA
INPUT
0V
0V
0V
0V
tREM
TIMING
INPUT
ASYNCHRONOUS
CONTROL
SYNCHRONOUS
CONTROL
tSU
tH
tSU
tH
VIH
VT
VIH
VT
VIH
VT
VIH
VT
LVC Link
LOW-HIGH-LOW
PULSE
HIGH-LOW-HIGH
PULSE
VT
tW
VT
LVC Link
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
VLOAD
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
GND
tPHZ
0V
VOL+VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VOH-VHZ
LVC Link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuit for All Outputs
Enable and Disable Times
Set-up, Hold, and Release Times
NOTES:
1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs.
2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
Output Skew - tSK(X)
Pulse Width
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Symbol VCC(1)=3.3V±0.3V VCC(1)=2.7V
VCC(2)=2.5V±0.2V
Unit
VLOAD
6
6
2 x Vcc
V
VIH
2.7
2.7
Vcc
V
VT
1.5
1.5
Vcc / 2
V
VLZ
300
300
150
mV
VHZ
300
300
150
mV
CL
50
50
30
pF
TEST CONDITIONS
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
VLOAD
Enable Low
Disable High
GND
Enable High
All Other Tests
Open


Similar Part No. - IDT74LVCH2244APG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH244A IDT-IDT74LVCH244A Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244APG IDT-IDT74LVCH244APG Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244APY IDT-IDT74LVCH244APY Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244AQ IDT-IDT74LVCH244AQ Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244ASO IDT-IDT74LVCH244ASO Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results

Similar Description - IDT74LVCH2244APG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC244A IDT-IDT74LVC244A_08 Datasheet
188Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
IDT74LVC244A IDT-IDT74LVC244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVC541A RENESAS-IDT74LVC541A Datasheet
454Kb / 7P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
February 20, 2009
logo
Integrated Device Techn...
IDT74LVC541A IDT-IDT74LVC541A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2244A IDT-IDT74LVC2244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH162244A IDT-IDT74LVCH162244A Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH162244A RENESAS-IDT74LVCH162244A Datasheet
303Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
AUGUST 2015
IDT74LVCH16244A RENESAS-IDT74LVCH16244A Datasheet
432Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16244A IDT-IDT74LVCH16244A Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com