Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVCH2244APG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74LVCH2244APG
Description  3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH2244APG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74LVCH2244APG Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH2244APG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC2244A
3.3VCMOSOCTALBUFFER/DRIVERWITH3-STATEOUTPUTS
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperBuffer/DriverOutputsenabled
CL = 0pF, f = 10Mhz
46
pF
CPD
PowerDissipationCapacitanceperBuffer/DriverOutputsdisabled
2
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
6.4
1.5
5.5
ns
tPHL
xAx to xYx
tPZH
OutputEnableTime
8.1
1
7.1
ns
tPZL
xOE to xYx
tPHZ
OutputDisableTime
7.3
1.5
6.8
ns
tPLZ
xOE to xYx
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 4mA
1.9
IOH = – 6mA
1.7
VCC = 2.7V
IOH = – 4mA
2.2
IOH = – 8mA
2
VCC = 3V
IOH = – 6mA
2.4
IOH = – 12mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 4mA
0.4
IOL = 6mA
0.55
VCC = 2.7V
IOL = 4mA
0.4
IOL = 8mA
0.6
VCC = 3V
IOL = 6mA
0.55
IOL = 12mA
0.8


Similar Part No. - IDT74LVCH2244APG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH244A IDT-IDT74LVCH244A Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244APG IDT-IDT74LVCH244APG Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244APY IDT-IDT74LVCH244APY Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244AQ IDT-IDT74LVCH244AQ Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVCH244ASO IDT-IDT74LVCH244ASO Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results

Similar Description - IDT74LVCH2244APG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC244A IDT-IDT74LVC244A_08 Datasheet
188Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
IDT74LVC244A IDT-IDT74LVC244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVC541A RENESAS-IDT74LVC541A Datasheet
454Kb / 7P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
February 20, 2009
logo
Integrated Device Techn...
IDT74LVC541A IDT-IDT74LVC541A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2244A IDT-IDT74LVC2244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH162244A IDT-IDT74LVCH162244A Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH162244A RENESAS-IDT74LVCH162244A Datasheet
303Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
AUGUST 2015
IDT74LVCH16244A RENESAS-IDT74LVCH16244A Datasheet
432Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16244A IDT-IDT74LVCH16244A Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com