Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4821N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4821N
Description  Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4821N Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4821N Datasheet HTML 1Page - ON Semiconductor NTMFS4821N Datasheet HTML 2Page - ON Semiconductor NTMFS4821N Datasheet HTML 3Page - ON Semiconductor NTMFS4821N Datasheet HTML 4Page - ON Semiconductor NTMFS4821N Datasheet HTML 5Page - ON Semiconductor NTMFS4821N Datasheet HTML 6Page - ON Semiconductor NTMFS4821N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4821N
http://onsemi.com
4
0
10
20
30
40
50
60
70
80
90
01
234
5
6
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10 V
TJ = 25°C
VGS = 4.5 V
5.0 V
4.0 V
3.8 V
3.6 V
3.4 V
3.2 V
3.0 V
2.8 V
2.6 V
0
10
20
30
40
50
60
70
80
90
100
01
23
45
6
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
VDS ≥ 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
0
0.01
0.02
0.03
0.04
24
6
8
10
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = 30 A
TJ = 25°C
0.002
0.0045
0.007
0.0095
0.012
0.0145
0.017
0.0195
30
40
50
60
70
80
90
100
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
VGS = 4.5 V
VGS = 11.5 V
TJ = 25°C
0.6
0.8
1
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 30 A
VGS = 10 V
10
100
1000
10000
5
1015
2025
30
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 150°C
VGS = 0 V
TJ = 125°C


Similar Part No. - NTMFS4821N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4821N ONSEMI-NTMFS4821N Datasheet
142Kb / 7P
   Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 3
NTMFS4821NT1G ONSEMI-NTMFS4821NT1G Datasheet
142Kb / 7P
   Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 3
NTMFS4821NT3G ONSEMI-NTMFS4821NT3G Datasheet
142Kb / 7P
   Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 3
More results

Similar Description - NTMFS4821N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
   Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4834N ONSEMI-NTMFS4834N_12 Datasheet
144Kb / 6P
   Power MOSFET 30V 130A Single N-Channel, SO-8FL
May, 2012 ??Rev. 6
NTMFS4833N ONSEMI-NTMFS4833N_14 Datasheet
121Kb / 7P
   Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4851N ONSEMI-NTMFS4851N_12 Datasheet
117Kb / 6P
   Power MOSFET 30V 66A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4841N ONSEMI-NTMFS4841N_12 Datasheet
125Kb / 7P
   Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
NTMFS4835N ONSEMI-NTMFS4835N_12 Datasheet
145Kb / 7P
   Power MOSFET 30V 104A Single N-Channel, SO-8FL
May, 2012 ??Rev. 7
NTMFS4847N ONSEMI-NTMFS4847N_12 Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com