Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV0805DK-0797K6L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RV0805DK-0797K6L
Description  HIGH VOLTAGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RV0805DK-0797K6L Datasheet(HTML) 5 Page - YAGEO Corporation

  RV0805DK-0797K6L Datasheet HTML 1Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 2Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 3Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 4Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 5Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 6Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 7Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 8Page - YAGEO Corporation RV0805DK-0797K6L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
Product specification
5
9
SERIES
RV
0603/0805/1206/2010/2512 (RoHS Compliant)
www.yageo.com
Dec. 05, 2016 V.6
TYPE
RESISTANCE
RANGE
CHARACTERISTICS
Rated
Power
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature
Coefficient
of Resistance
RV0603
5% (E-24) 47Ω to 10MΩ
1% (E-24/E-96) 47Ω to 10MΩ
0.5% (E-24/E-96) 47Ω to 10MΩ
1/10W
–55 °C to
+155 °C
350V
500V
500V
± 200 ppm/°C
RV0805
5% (E-24) 47Ω to 22MΩ
1% (E-24/E-96) 47Ω to 22MΩ
0.5% (E-24/E-96) 47Ω to 10MΩ
1/8 W
400 V
800 V
800 V
RV1206
5% (E-24) 47Ω to 27MΩ
1% (E-24/E-96) 47Ω to 27MΩ
0.5% (E-24/E-96) 47Ω to 15MΩ
1/4 W
500 V
1,000 V
1,000 V
RV2010
5% (E-24) 47Ω to 22MΩ
1% (E-24/E-96) 47Ω to 22MΩ
0.5% (E-24/E-96) 47Ω to 10MΩ
3/4W
500 V
1,000 V
1,000 V
RV2512
5% (E-24) 47Ω to 16MΩ
1% (E-24/E-96) 47Ω to 16MΩ
0.5% (E-24/E-96) 47Ω to 10MΩ
1 W
500 V
1,000 V
1,000 V
ELECTRICAL CHARACTERISTICS
Table 2
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”.
PACKING STYLE
REEL
DIMENSION
RV0603
RV0805
RV1206
RV2010
RV2512
Paper/PE taping reel (R)
7" (178 mm)
5,000
5,000
5,000
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
4,000
4,000
NOTE
1. For Paper/PE/Embossed tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity


Similar Part No. - RV0805DK-0797K6L

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RV0003F SSDI-RV0003F Datasheet
165Kb / 2P
   RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0005F SSDI-RV0005F Datasheet
32Kb / 2P
   RECTIFIER
RV0005F SSDI-RV0005F_15 Datasheet
32Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0007B SSDI-RV0007B Datasheet
83Kb / 2P
   RECTIFIER
More results

Similar Description - RV0805DK-0797K6L

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com