Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4835NT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4835NT1G
Description  Power MOSFET 30V 104A Single N-Channel, SO-8FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4835NT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4835NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 6Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 7
1
Publication Order Number:
NTMFS4835N/D
NTMFS4835N
Power MOSFET
30 V, 104 A, Single N−Channel, SO−8FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These are Pb−Free Devices
Applications
Refer to Application Note AND8195/D
CPU Power Delivery
DC−DC Converters
Low Side Switching
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
20
A
TA = 85°C
14
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.27
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
12
A
TA = 85°C
9.0
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.89
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
104
A
TC = 85°C
75
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
62.5
W
Pulsed Drain
Current
TA = 25°C,
tp = 10 ms
IDM
208
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
52
A
Drain to Source DV/DT
dV/dt
6
V/ns
Single Pulse Drain−to−Source Avalanche
Energy TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL = 28 Apk, L = 1.0 mH, RG = 25 W
EAS
392
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
4835N
AYWZZ
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
3.5 mW @ 10 V
104 A
5.0 mW @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4835NT1G
SO−8FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4835NT3G
SO−8FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D


Similar Part No. - NTMFS4835NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4835NT1G ONSEMI-NTMFS4835NT1G Datasheet
142Kb / 7P
   Power MOSFET 30 V, 104 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 6
More results

Similar Description - NTMFS4835NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4841N ONSEMI-NTMFS4841N_12 Datasheet
125Kb / 7P
   Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
NTMFS4834N ONSEMI-NTMFS4834N_12 Datasheet
144Kb / 6P
   Power MOSFET 30V 130A Single N-Channel, SO-8FL
May, 2012 ??Rev. 6
NTMFS4833N ONSEMI-NTMFS4833N_14 Datasheet
121Kb / 7P
   Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4851N ONSEMI-NTMFS4851N_12 Datasheet
117Kb / 6P
   Power MOSFET 30V 66A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4847N ONSEMI-NTMFS4847N_12 Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4845N ONSEMI-NTMFS4845N_12 Datasheet
117Kb / 6P
   Power MOSFET 30V 115A Single N-hannel, SO-8FL
May, 2012 ??Rev. 3
NVTFS4C02N ONSEMI-NVTFS4C02N Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
   Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com