Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4841NT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4841NT1G
Description  Power MOSFET 30V 57A Single N-Channel, SO-8FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4841NT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4841NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4841NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4841NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4841NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4841NT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4841NT1G Datasheet HTML 6Page - ON Semiconductor NTMFS4841NT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTMFS4841N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
3
°C/W
Junction−to−Ambient – Steady State (Note 1)
RqJA
57.7
Junction−to−Ambient – Steady State (Note 2)
RqJA
143.4
Junction−to−Ambient − t = 10 sec
RqJA
25
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
25
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25 °C
1
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.6
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V to
11.5 V
ID = 30 A
4.7
7.0
mW
ID = 15 A
4.6
VGS = 4.5 V
ID = 30 A
9.2
11.4
ID = 15 A
8.5
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
16
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 12 V
1436
pF
Output Capacitance
COSS
348
Reverse Transfer Capacitance
CRSS
177
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
11.5
17
nC
Threshold Gate Charge
QG(TH)
2.0
Gate−to−Source Charge
QGS
5.0
Gate−to−Drain Charge
QGD
5.1
Total Gate Charge
QG(TOT)
VGS = 11.5 V, VDS = 15 V,
ID = 30 A
25.4
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V, ID = 15 A,
RG = 3.0 W
13.5
ns
Rise Time
tr
66.5
Turn−Off Delay Time
td(OFF)
15.5
Fall Time
tf
7.5
3. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFS4841NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4841NT1G ONSEMI-NTMFS4841NT1G Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
More results

Similar Description - NTMFS4841NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4834N ONSEMI-NTMFS4834N_12 Datasheet
144Kb / 6P
   Power MOSFET 30V 130A Single N-Channel, SO-8FL
May, 2012 ??Rev. 6
NTMFS4835N ONSEMI-NTMFS4835N_12 Datasheet
145Kb / 7P
   Power MOSFET 30V 104A Single N-Channel, SO-8FL
May, 2012 ??Rev. 7
NTMFS4833N ONSEMI-NTMFS4833N_14 Datasheet
121Kb / 7P
   Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4851N ONSEMI-NTMFS4851N_12 Datasheet
117Kb / 6P
   Power MOSFET 30V 66A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4847N ONSEMI-NTMFS4847N_12 Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4845N ONSEMI-NTMFS4845N_12 Datasheet
117Kb / 6P
   Power MOSFET 30V 115A Single N-hannel, SO-8FL
May, 2012 ??Rev. 3
NVTFS4C02N ONSEMI-NVTFS4C02N Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
logo
Rohm
RS1E200GN ROHM-RS1E200GN Datasheet
2Mb / 14P
   Nch 30V 57A Power MOSFET
logo
ON Semiconductor
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com