Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4845N Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4845N
Description  Power MOSFET 30V 115A Single N-hannel, SO-8FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4845N Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4845N Datasheet HTML 1Page - ON Semiconductor NTMFS4845N Datasheet HTML 2Page - ON Semiconductor NTMFS4845N Datasheet HTML 3Page - ON Semiconductor NTMFS4845N Datasheet HTML 4Page - ON Semiconductor NTMFS4845N Datasheet HTML 5Page - ON Semiconductor NTMFS4845N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTMFS4845N
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.9
0.8
0.7
0.6
0.5
0.4
0
5
25
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ, STARTING JUNCTION TEMPERATURE(°C)
100
10
1
0.1
0.1
1
10
100
1000
75
150
125
100
50
25
0
20
40
60
120
160
180
220
Figure 13. gFS vs. Drain Current
Figure 14. Id vs. Pulse Width
DRAIN CURRENT (A)
PULSE WIDTH (ms)
90
75
60
45
15
0
0
20
120
140
10,000
1000
100
10
1
1
10
1000
VDS = 15 V
ID = 15 A
VGS = 11.5 V
tf
tr
td(off)
td(on)
10
15
20
30
VGS = 0 V
TJ = 25°C
10 ms
100 ms
1 ms
10 ms
dc
VGS = 20 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
80
100
140
200
ID = 39 A
30
120
40
80
100
60
125°C
100°C
25°C
VDS = 1.5 V
100
240
160
105


Similar Part No. - NTMFS4845N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4845NT1G ONSEMI-NTMFS4845NT1G Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4845NT3G ONSEMI-NTMFS4845NT3G Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
More results

Similar Description - NTMFS4845N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4841N ONSEMI-NTMFS4841N_12 Datasheet
125Kb / 7P
   Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
NTMFS4834N ONSEMI-NTMFS4834N_12 Datasheet
144Kb / 6P
   Power MOSFET 30V 130A Single N-Channel, SO-8FL
May, 2012 ??Rev. 6
NTMFS4835N ONSEMI-NTMFS4835N_12 Datasheet
145Kb / 7P
   Power MOSFET 30V 104A Single N-Channel, SO-8FL
May, 2012 ??Rev. 7
NTMFS4833N ONSEMI-NTMFS4833N_14 Datasheet
121Kb / 7P
   Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4851N ONSEMI-NTMFS4851N_12 Datasheet
117Kb / 6P
   Power MOSFET 30V 66A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4847N ONSEMI-NTMFS4847N_12 Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NVTFS4C02N ONSEMI-NVTFS4C02N Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
   Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com