Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4851NT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4851NT3G
Description  Power MOSFET 30V 66A Single N-Channel, SO-8FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4851NT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4851NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4851NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4851NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4851NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4851NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4851NT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTMFS4851N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
9
8
7
5
4
3
2
0
0.002
0.004
0.006
0.008
0.014
0.018
0.020
55
50
45
35
30
25
20
15
0
0.001
0.002
0.003
0.004
0.005
0.006
0.010
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.50
0.65
0.95
1.25
1.55
1.70
18
14
12
10
8
6
4
2
10
1000
10,000
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
25
20
15
10
5
0
0
500
750
1250
1500
1750
2250
2500
30
25
20
10
5
0
0
2
4
5
9
10
11
12
611
0.010
ID = 30 A
TJ = 25°C
40
60
TJ = 25°C
VGS = 4.5 V
VGS = 11.5 V
150
ID = 30 A
VGS = 10 V
16
TJ = 150°C
VGS = 0 V
TJ = 125°C
250
TJ = 25°C
Coss
Ciss
Crss
15
8
7
6
3
1
16
14
12
10
8
6
4
2
0
ID = 30 A
TJ = 25°C
QT
VDS
VGS
Qgd
Qgs
0.012
0.016
0.007
0.008
0.009
100
20
1000
2000
1.40
1.10
0.80


Similar Part No. - NTMFS4851NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4851NT3G ONSEMI-NTMFS4851NT3G Datasheet
143Kb / 6P
   Power MOSFET 30 V, 66 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
More results

Similar Description - NTMFS4851NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4841N ONSEMI-NTMFS4841N_12 Datasheet
125Kb / 7P
   Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
NTMFS4834N ONSEMI-NTMFS4834N_12 Datasheet
144Kb / 6P
   Power MOSFET 30V 130A Single N-Channel, SO-8FL
May, 2012 ??Rev. 6
NTMFS4835N ONSEMI-NTMFS4835N_12 Datasheet
145Kb / 7P
   Power MOSFET 30V 104A Single N-Channel, SO-8FL
May, 2012 ??Rev. 7
NTMFS4833N ONSEMI-NTMFS4833N_14 Datasheet
121Kb / 7P
   Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4847N ONSEMI-NTMFS4847N_12 Datasheet
116Kb / 6P
   Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4845N ONSEMI-NTMFS4845N_12 Datasheet
117Kb / 6P
   Power MOSFET 30V 115A Single N-hannel, SO-8FL
May, 2012 ??Rev. 3
NVTFS4C02N ONSEMI-NVTFS4C02N Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
   MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
   Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com