Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD4074618 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD4074618
Description  4-Bit Single-Chip Microcomputer
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD4074618 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD4074618 Datasheet HTML 2Page - Hitachi Semiconductor HD4074618 Datasheet HTML 3Page - Hitachi Semiconductor HD4074618 Datasheet HTML 4Page - Hitachi Semiconductor HD4074618 Datasheet HTML 5Page - Hitachi Semiconductor HD4074618 Datasheet HTML 6Page - Hitachi Semiconductor HD4074618 Datasheet HTML 7Page - Hitachi Semiconductor HD4074618 Datasheet HTML 8Page - Hitachi Semiconductor HD4074618 Datasheet HTML 9Page - Hitachi Semiconductor HD4074618 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
HD404618 Series
6
Interrupts
INT
0, INT1: Input external interrupts to the MCU. INT1 is also used as an external event input for timer B.
INT
0 and INT1 are multiplexed with R32 and R33, respectively.
Serial Communications Interface
SCK: Input/output serial clock pin multiplexed with R0
0.
SI: Serial receive data input pin multiplexed with R0
1.
SO: Serial transmit data output pin multiplexed with R0
2.
Timers
TIMO: Outputs a variable-duty square wave. It is multiplexed with R3
1.
LCD Driver/Controller
V
1, V2, V3: Power supply pins for the LCD driver. Internal resistors provide the voltage level for each pin.
The voltage condition is V
CC ≥ V1 ≥ V2 ≥ V3 ≥ GND.
COM1–COM4: Common signal output pins for LCD display.
SEG1–SEG32: Segment signal output pins for LCD display.
DTMF Generator
TONER, TONEC, VT
ref:
DTMF signal pins. TONER and TONEC transmit signals for row and column,
respectively. VT
ref is a reference voltage for DTMF signals. Apply condition VCC ≥ VTref ≥ GND to VTref.
Voltage Comparator
COMP0, COMP1, VC
ref:
COMP0 and COMP1 are analog inputs for the voltage comparator. VC
ref is a
reference voltage pin that inputs the threshold voltage of the analog input pin.


Similar Part No. - HD4074618

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD4074618 RENESAS-HD4074618 Datasheet
352Kb / 91P
   4-Bit Single-Chip Microcomputer
HD4074618FS RENESAS-HD4074618FS Datasheet
352Kb / 91P
   4-Bit Single-Chip Microcomputer
HD4074618H RENESAS-HD4074618H Datasheet
352Kb / 91P
   4-Bit Single-Chip Microcomputer
HD4074618TF RENESAS-HD4074618TF Datasheet
352Kb / 91P
   4-Bit Single-Chip Microcomputer
More results

Similar Description - HD4074618

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com