Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9050 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT5T9050
Description  2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9050 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT5T9050 Datasheet HTML 1Page - Integrated Device Technology IDT5T9050 Datasheet HTML 2Page - Integrated Device Technology IDT5T9050 Datasheet HTML 3Page - Integrated Device Technology IDT5T9050 Datasheet HTML 4Page - Integrated Device Technology IDT5T9050 Datasheet HTML 5Page - Integrated Device Technology IDT5T9050 Datasheet HTML 6Page - Integrated Device Technology IDT5T9050 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT5T9050
2.5VSINGLEDATARATE1:5CLOCKBUFFERTERABUFFERJR.
TSSOP
TOP VIEW
PIN CONFIGURATION
GL
GN D
V DD
V DD
GN D
GN D
GN D
G
V DD
V DD
Q1
Q 2
Q5
GN D
GN D
Q 3
A
Q4
V DD
V DD
GN D
GN D
GN D
V DD
V DD
V DD
NC
NC
19
15
16
17
18
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
Symbol
Description
Max
Unit
VDD
Power Supply Voltage
–0.5 to +3.6
V
VI
Input Voltage
–0.5 to +3.6
V
VO
Output Voltage
–0.5 to VDD +0.5
V
TSTG
Storage Temperature
–65 to +165
°C
TJ
Junction Temperature
150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Symbol
Parameter
Min
Typ.
Max.
Unit
CIN
Input Capacitance
6
pF
CAPACITANCE(1) (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
Symbol
Description
Min.
Typ.
Max.
Unit
TA
AmbientOperatingTemperature
–40
+25
+85
°C
VDD
InternalPowerSupplyVoltage
2.3
2.5
2.7
V
RECOMMENDED OPERATING RANGE
PIN DESCRIPTION
Symbol
I/O
Type
Description
A
I
LVTTL
Clockinput
G
I
LVTTL
Gate control for Qn outputs. When G is LOW, these outputs are enabled. When G is HIGH, these outputs are asynchronously
disabled to the level designated by GL(1).
GL
I
LVTTL
Specifies output disable level. If HIGH, the outputs disable HIGH. If LOW, the outputs disable LOW.
Qn
O
LVTTL
Clockoutputs
VDD
PWR
Power supply for the device core, inputs, and outputs
GND
PWR
Power supply return for power
NOTE:
1. Because the gate controls are asynchronous, runt pulses are possible. It is the user's responsibility to either time the gate control signals to minimize the possibility of runt
pulses or be able to tolerate them in down stream circuitry.


Similar Part No. - IDT5T9050

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
IDT5T905PGI IDT-IDT5T905PGI Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
More results

Similar Description - IDT5T9050

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5T9050 RENESAS-5T9050 Datasheet
373Kb / 10P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™ Jr
Mar 2020
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
5T9070 RENESAS-5T9070 Datasheet
367Kb / 10P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™ Jr.
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com