Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICPL2730 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. ICPL2730
Description  HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICPL2730 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB92018-AAS/A2
7/12/00
ELECTRICAL CHARACTERISTICS ( T
A= 0°C to 70°C, VCC = 4.5V Unless otherwise noted )
PARAMETER
SYM DEVICE
MIN TYP* MAX UNITS
TEST CONDITION
ICPL2731
400
2000
%
I
F = 0.5mA,VO = 0.4V
Current Transfer Ratio
CTR ICPL2731
500
2000
%
I
F = 1.6mA,VO = 0.4V
(note 5, 6)
ICPL2730
300
2000
%
I
F = 1.6mA, VO = 0.4V
ICPL2731
0.1
0.4
V
I
F = 0.5mA, IO= 2mA
ICPL2731
0.1
0.4
V
I
F = 1.6mA, IO = 8mA
Logic Low Output Voltage
V
OL
(note 5)
ICPL2731
0.1
0.4
V
I
F = 5mA, IO = 15mA
ICPL2731
0.1
0.4
V
I
F = 12mA, IO= 24mA
ICPL2730
0.1
0.4
V
I
F = 1.6mA, IO= 4.8mA
ICPL2731
0.01
100
µA
I
F = 0mA
V
O = VCC = 18V
Logic High Output Current
I
OH
(note 5)
ICPL2730
0.01
100
µA
I
F = 0mA
V
O = VCC = 7V
ICPL2731
0.5
mA
I
F1= IF2= 1.6mA,VCC=18V
V
O1= VO2= open
Logic Low Supply Current
I
CCL
ICPL2730
0.4
mA
I
F1= IF2= 1.6mA,VCC=7V
V
O1= VO2= open
ICPL2731
5
nA
I
F1= IF2= 0mA,VCC=18V
V
O1= VO2= open
Logic High Supply Current
I
CCH
ICPL2730
4
nA
I
F1= IF2= 0mA,VCC=18V
V
O1= VO2= open
Input Forward Voltage (note 5)
V
F
1.45
1.7
V
I
F = 1.6mA, TA= 25°C
Temperature Coefficient
∆V
F
-1.8
mV/°C
I
F = 1.6mA
of Forward Voltage (note 5)
∆T
A
Input Reverse Voltage (note 5)
V
R
5
V
I
R = 10µA,TA= 25°C
`
Input Capacitance (note 5)
C
IN
60
pF
f = 1MHz, V
F = 0
Input-output Isolation Voltage
V
ISO
2500
5000
V
RMS
R.H.equal to or less than
(note 10)
50%, t = 1min. T
A= 25°C
Resistance (Input to Output)
R
I-O
1012
V
I-O = 500V dc
(note 10)
Capacitance (Input to Output)
C
I-O
0.6
pF
f = 1MHz
(note 10)
Input-Input Insulation
I
I-I
0.005
µA
R.H.equal to or less than
(note 7)
50%,t = 5sec.V
I-I=500DC
Resistance (Input to Input) (note7)
R
I-I
1011
V
I-I = 500V dc
Capacitance (Input to Input) (note7)
C
I-I
0.25
pF
f = 1MHz
* All typicals at T
A= 25°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn