Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICPL2730 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. ICPL2730
Description  HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICPL2730 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DB92018-AAS/A2
7/12/00
FIG. 2 TEST CIRCUIT FOR TRANSIENT IMMUNITY AND TYPICAL WAVEFORMS
1
3
4
+
-
A
PULSE GEN.
V
CM
0V
V
CM
I
F
V
FF
5V
5V
V
OL
V
O
V
O
SWITCH AT A: I
F = 0mA
SWITCH AT B: I
F = 1.6mA
10V
10%
90%
10%
90%
t
r
t
f
B
8
7
6
5
2
R
L
V
O
Output Current vs.
Output Voltage
1.0
1.2
1.4
1.6
Forward Current vs. Forward
Voltage
Forward voltage V
F (V)
Current Transfer Ratio vs.
Forward Current
Forward current I
F (mA)
0.1
1.0
10
100
V
O = 0.4V
V
CC = 5V
0
1.0
2.0
Output voltage V
O (V)
Supply Current vs.
Forward Current
0.01
0.1
0.02
0.04
0.2
0.4
1
2
4
10
T
A = 25°C
T
A= 0°C
T
A= -40°C
T
A = 85°C
400
200
100
1000
2000
4000
10000
ICPL2731 V
CC = 18V
ICPL2730 V
CC = 7V
V
CC = 18V
V
CC = 7V
Forward current I
F (mA)
0.1
1.0
10
100
0.1
0.2
0.4
1
2
4
10
20
40
100
V
CC = 5V
T
A = 25°C
I
F = 0.5mA / step
0
10
20
30
40
50
60
70
80
90
100


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn