Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA179L00U Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA179L00U
Description  3-terminal Negative Fixed Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA179L00U Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA179L00U Datasheet HTML 5Page - Hitachi Semiconductor HA179L00U Datasheet HTML 6Page - Hitachi Semiconductor HA179L00U Datasheet HTML 7Page - Hitachi Semiconductor HA179L00U Datasheet HTML 8Page - Hitachi Semiconductor HA179L00U Datasheet HTML 9Page - Hitachi Semiconductor HA179L00U Datasheet HTML 10Page - Hitachi Semiconductor HA179L00U Datasheet HTML 11Page - Hitachi Semiconductor HA179L00U Datasheet HTML 12Page - Hitachi Semiconductor HA179L00U Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HA179L00 Series
9
HA179L12P, HA179L12, HA179L12U
(V
IN = –19 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, CL = 0.1 µF)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Output voltage
V
OUT
–11.52 –12
–12.48 V
Tj = 25
°C
–11.40 —
–12.60
V
IN = –19 V, 1.0 mA ≤ IOUT ≤ 70 mA
Line regulation
∆V
OLINE
120
250
mV
Tj = 25
°C –27 V ≤ V
IN ≤ –14.5 V
100
200
–27 V
≤ V
IN ≤ –16 V
Load regulation
∆V
OLOAD
28.5
mV
Tj = 25
°C 1.0 mA ≤ I
OUT ≤ 150 mA
20
100
1.0 mA
≤ I
OUT ≤ 100 mA
10
50
1.0 mA
≤ I
OUT ≤ 40 mA
Quiescent current I
Q
2.6
4.6
mA
Tj = 25
°C
Quiescent
∆I
Q
1.5
mA
Tj = 25
°C –27 V ≤ V
IN ≤ –16 V
current change
1.0
1.0 mA
≤ I
OUT ≤ 40 mA
Voltage drop
V
DROP
1.3
V
Tj = 25
°C
Output short circuit
current
I
OS
250
mA
Tj = 25
°C
HA179L15P, HA179L15, HA179L15U
(V
IN = –23 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, CL = 0.1 µF)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Output voltage
V
OUT
–14.4
–15
–15.6
V
Tj = 25
°C
–14.25 —
–15.75
V
IN = –23 V, 1.0 mA ≤ IOUT ≤ 70 mA
Line regulation
∆V
OLINE
130
300
mV
Tj = 25
°C
–30 V
≤ V
IN ≤ –17.5 V
110
250
–30 V
≤ V
IN ≤ –20 V
Load regulation
∆V
OLOAD
36
mV
Tj = 25
°C
1.0 mA
≤ I
OUT ≤ 150 mA
25
150
1.0 mA
≤ I
OUT ≤ 100 mA
12
75
1.0 mA
≤ I
OUT ≤ 40 mA
Quiescent current I
Q
2.6
4.6
mA
Tj = 25
°C
Quiescent
∆I
Q
1.5
mA
Tj = 25
°C
–30 V
≤ V
IN ≤ –20 V
current change
1.0
1.0 mA
≤ I
OUT ≤ 40 mA
Voltage drop
V
DROP
1.3
V
Tj = 25
° C
Output short circuit
current
I
OS
240
mA
Tj = 25
°C


Similar Part No. - HA179L00U

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
More results

Similar Description - HA179L00U

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com