Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA179L00U Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HA179L00U
Description  3-terminal Negative Fixed Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA179L00U Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HA179L00U Datasheet HTML 2Page - Hitachi Semiconductor HA179L00U Datasheet HTML 3Page - Hitachi Semiconductor HA179L00U Datasheet HTML 4Page - Hitachi Semiconductor HA179L00U Datasheet HTML 5Page - Hitachi Semiconductor HA179L00U Datasheet HTML 6Page - Hitachi Semiconductor HA179L00U Datasheet HTML 7Page - Hitachi Semiconductor HA179L00U Datasheet HTML 8Page - Hitachi Semiconductor HA179L00U Datasheet HTML 9Page - Hitachi Semiconductor HA179L00U Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HA179L00 Series
6
Electrical Characteristics
HA179L05P, HA179L05, HA179L05U
(V
IN = –10 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, CL = 0.1 µF)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Output voltage
V
OUT
–4.8
–5.0
–5.2
V
Tj = 25
°C
–4.75
–5.25
V
IN = –10 V,
1.0 mA
≤ I
OUT ≤ 70 mA
Line regulation
∆V
OLINE
55
150
mV
Tj = 25
°C
–20 V
≤ V
IN ≤ –7 V
45
100
–20 V
≤ V
IN ≤ –8 V
Load regulation
∆V
OLOAD
16
mV
Tj = 25
°C
1.0 mA
≤ I
OUT ≤ 150 mA
11
60
1.0 mA
≤ I
OUT ≤ 100 mA
5.0
30
1.0 mA
≤ I
OUT ≤ 40 mA
Quiescent current I
Q
2.0
4.0
mA
Tj = 25
°C
Quiescent current
∆I
Q

1.5
mA
Tj = 25
°C
–20 V
≤ V
IN ≤ –8.0 V
change

1.0
1.0 mA
≤ I
OUT ≤ 40 mA
Voltage drop
V
DROP
1.3
V
Tj = 25
°C
Output short circuit
current
I
OS
300
mA
Tj = 25
°C


Similar Part No. - HA179L00U

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
More results

Similar Description - HA179L00U

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com