Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1206JCNPOEBB121 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # CC1206JCNPOEBB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206JCNPOEBB121 Datasheet(HTML) 2 Page - YAGEO Corporation

  CC1206JCNPOEBB121 Datasheet HTML 1Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 2Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 3Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 4Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 5Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 6Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 7Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 8Page - YAGEO Corporation CC1206JCNPOEBB121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Jan. 16, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
2
13
Product specification
ORDERING INFORMATION - GLOBAL PART NUMBER, PHYCOMP
CTC & 12NC
All part numbers are identified by the series, size, tolerance, TC material,
packing style, voltage, process code, termination and capacitance value.
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
CC XXXX X X XXX X B X XXX
(1)
(2) (3) (4)
(5)
(6) (7)
(1) SIZE – INCH BASED (METRIC)
0805 (2012) / 1206 (3216) / 1210 (3225) / 1808 (4520) / 1812 (4532)
(2) TOLERANCE
C = ± 0.25 pF
D = ± 0.5 pF
G = ± 2%
J = ± 5%
K = ± 10%
(3) PACKING STYLE
R = Paper/PE taping reel; Reel 7 inch
K = Blister taping reel; Reel 7 inch
P = Paper/PE taping reel; Reel 13 inch
F = Blister taping reel; Reel 13 inch
C = Bulk case
(4) TC MATERIAL
NPO
X7R
(5) RATED VOLTAGE
C = 1 KV
D = 2 KV
S = 2.5KV
E = 3 KV
(6) PROCESS
N = NP0
B = Class 2 MLCC
(7) CAPACITANCE VALUE
2 significant digits+number of zeros
The 3rd digit signifies the multiplying factor, and letter R is decimal point
Example: 121 = 12 x 101 = 120 pF
SCOPE
This specification describes High-
Voltage NP0/X7R series chip
capacitors with lead-free
terminations.
APPLICATIONS
PCs, Hard disk, Game PCs
Power supplies
LCD panel
ADSL, Modem
FEATURES
Supplied in tape on reel
Nickel-barrier end termination
RoHS compliant
Halogen Free compliant


Similar Part No. - CC1206JCNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206JCNPO0BB121 YAGEO-CC1206JCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1206JCNPO0BB121 TDK-CC1206JCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC1206JCNPO0BB121 YAGEO-CC1206JCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JCNPO0BN121 YAGEO-CC1206JCNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1206JCNPO0BN121 TDK-CC1206JCNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206JCNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com