Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1210CKX7RYBN121 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CC1210CKX7RYBN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210CKX7RYBN121 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CC1210CKX7RYBN121 Datasheet HTML 6Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 7Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 8Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 9Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 10Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 11Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 12Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 13Page - YAGEO Corporation CC1210CKX7RYBN121 Datasheet HTML 14Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Apr. 25, 2016 V.16
Surface-Mount Ceramic Multilayer Capacitors
10
18
Product specification
Table 11 Sizes from 1206 to 1210
CAPACITANCE RANGE & THICKNESS FOR X7R
CAP.
1206
1210
100 V
200 V
250 V
500 V
630 V
100 V
200 V
250 V
500 V
630V
100 pF
150 pF
220 pF
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
1.25± 0.2
330 pF
470 pF
680 pF
1.0 nF
1.5 nF
2.2 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
3.3 nF
1.25± 0.2
1.25± 0.2
4.7 nF
6.8 nF
10 nF
15 nF
22 nF
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
33 nF
1.6± 0.2
47 nF
68 nF
1.25± 0.2
100 nF
1.6± 0.2
1.6± 0.2
150 nF
1.25± 0.2
220 nF
330 nF
1.6± 0.2
470 nF
680 nF
2.0± 0.2
1 µF
1.6± 0.2
2.2 µF
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before order


Similar Part No. - CC1210CKX7RYBN121

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC1210CKX7RYBN121 TDK-CC1210CKX7RYBN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC1210CKX7RYBN121 YAGEO-CC1210CKX7RYBN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210CKX7RYBN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com